Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV23401V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV23401V
Description  For Home Stereo System 1-chip Tuner IC Incorporating PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV23401V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV23401V Datasheet HTML 1Page - Sanyo Semicon Device LV23401V Datasheet HTML 2Page - Sanyo Semicon Device LV23401V Datasheet HTML 3Page - Sanyo Semicon Device LV23401V Datasheet HTML 4Page - Sanyo Semicon Device LV23401V Datasheet HTML 5Page - Sanyo Semicon Device LV23401V Datasheet HTML 6Page - Sanyo Semicon Device LV23401V Datasheet HTML 7Page - Sanyo Semicon Device LV23401V Datasheet HTML 8Page - Sanyo Semicon Device LV23401V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LV23401V
Description of Pin Functions
No.
Pin name
Voltage (V)
Internal Equivalent Circuit
Remarks
1
AM-ANT
2.2V
AM antenna input pin.
The AM antenna coil is connected between
2pin.
R = 100
Ω
2
AM-REF
2.2V
AM standard bias pin.
3
AM-CAP
-
AM Tuning for tune pin.
(AM Capacitor Bank)
4
GND1
0V
Analog (AM_FE) GND pin.
5
VREF1
4.3V
Analog (tuner area) standard bias pin.
VREF = 4.3V
6
MPX-OUT
2.5V
FM demodulation output pin.
R1 = 100
Ω
R2 = 23k
Ω
R3 = 1k
Ω
7
AM RF-AGC
-
AGC pin for AM-RF department Gain control.
R1 = 2M
Ω
R2 = 5k
Ω
R3 = 250
Ω
R4 = 1k
Ω
8
GND2
0V
Analog (tuner) GND pin.
9
10
L-OUT
R-OUT
2.5V
(It is 3.3V
for
LEVSHIF =
1)
L-ch (R-ch) output pin.
R = 100
Ω
ROUT = 150Ω
1
2
RR
15
2
2.2V
Regulator
3
CAP-BANK
15
5
4.3V
Regulator
6
R1
R2
R3
7
R1
R2
R3
R4
15
R
10
9
Continued on next page.
No.A1746-5/24


Similar Part No. - LV23401V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
logo
ON Semiconductor
LV23401V ONSEMI-LV23401V Datasheet
279Kb / 24P
   1-chip Tuner IC
May, 2013
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
More results

Similar Description - LV23401V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LV23100V SANYO-LV23100V Datasheet
317Kb / 12P
   For Portable Audio System 1-chip Tuner IC Incorporating PLL
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LV23014T SANYO-LV23014T Datasheet
215Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LV23002M SANYO-LV23002M Datasheet
457Kb / 4P
   Bi-CMOS IC For Radio Cassette and Mini Component System 1-chip Tuner IC Incorporating PLL
LV23015T SANYO-LV23015T Datasheet
214Kb / 17P
   Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com