Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV24020LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV24020LP
Description  Ultra-compact FM tuner IC for mobile set
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV24020LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV24020LP Datasheet HTML 1Page - Sanyo Semicon Device LV24020LP Datasheet HTML 2Page - Sanyo Semicon Device LV24020LP Datasheet HTML 3Page - Sanyo Semicon Device LV24020LP Datasheet HTML 4Page - Sanyo Semicon Device LV24020LP Datasheet HTML 5Page - Sanyo Semicon Device LV24020LP Datasheet HTML 6Page - Sanyo Semicon Device LV24020LP Datasheet HTML 7Page - Sanyo Semicon Device LV24020LP Datasheet HTML 8Page - Sanyo Semicon Device LV24020LP Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
71006HKIM No.A0070-1/9
Ver.2.23
LV24020LP
Overview
The LV24020LP is FM tuner IC’s that requires absolutely no external components.
They incorporates not only the FM tuner functions as well in a compact VQLP package with dimensions of only
5mm
×5mm×0.8mm.
These IC’s are simply ideal for incorporating FM tuner functions into mobile phones and other small mobile set where
space is always at a premium.
Functions
• FM FE
• FM IF
• MPX Stereo Decoder
• Tuning
Features
• No external components
• No alignments necessary
• Fully integrated low IF selectivity and demodulation
• Built in adjacent channel interference total reduction (no 114kHz, no 190kHz)
• Due to new tuning concept, the tuning is independent of the channel spacing
• Very high sensitivity due to integrated low noise RF input amplifier
• Very low power Standby mode. No power switch circuitry required
• MPX output for RDS application
• 3-wire bus interface (Data, Clock, NR-W)
• Digital AFC - Tuner locks to frequency after tuning sequence
• 8 level programmable Soft Mute
• 8 level programmable Stereo Blend
• In combination with the host, fast, low power operation of preset mode, manual search, automatic search and
automatic preset store are possible
• Covers all Japanese, European and US bands
Ordering number : ENA0070A
Bi-CMOS IC
Ultra-compact FM tuner IC for mobile set


Similar Part No. - LV24020LP

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
LV2402 KNOX-LV2402 Datasheet
39Kb / 1P
   VHF HYPERABRUPT TUNING DIODES
LV2402A KNOX-LV2402A Datasheet
39Kb / 1P
   VHF HYPERABRUPT TUNING DIODES
More results

Similar Description - LV24020LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV24003LP SANYO-LV24003LP Datasheet
459Kb / 9P
   Ultra-compact FM tuner IC for mobile set
LV24230LP-A SANYO-LV24230LP-A Datasheet
138Kb / 17P
   Compact Portable Equipment1-Chip FM Tuner IC
LV24230LS SANYO-LV24230LS Datasheet
189Kb / 17P
   Compact Portable Equipment 1-Chip FM Tuner IC
LV24250LS SANYO-LV24250LS Datasheet
328Kb / 18P
   Compact Portable Equipment 1-Chip FM Tuner IC
LC01707PLF SANYO-LC01707PLF Datasheet
283Kb / 18P
   FM multiple tuner IC
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
   FM multiple tuner IC
May, 2013
logo
Sanyo Semicon Device
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
logo
Renesas Technology Corp
RKV651KK RENESAS-RKV651KK Datasheet
53Kb / 5P
   Variable Capacitance Diode for FM tuner IC
logo
Panasonic Semiconductor
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com