Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV25400W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV25400W
Description  For Automotive Applications DSP Tuner Front End
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV25400W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV25400W Datasheet HTML 1Page - Sanyo Semicon Device LV25400W Datasheet HTML 2Page - Sanyo Semicon Device LV25400W Datasheet HTML 3Page - Sanyo Semicon Device LV25400W Datasheet HTML 4Page - Sanyo Semicon Device LV25400W Datasheet HTML 5Page - Sanyo Semicon Device LV25400W Datasheet HTML 6Page - Sanyo Semicon Device LV25400W Datasheet HTML 7Page - Sanyo Semicon Device LV25400W Datasheet HTML 8Page - Sanyo Semicon Device LV25400W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
51607 MS PC No.A0633-1/42
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
LV25400W
Overview
The LV25400W is a tuner front end IC that supports the Sanyo SDRS400 car radio DSP.
The LV25400W supports worldwide radio standards including the FM bands used in US, Europe, and Japan as well as the
LW, MW, SW, and FM weather bands. It adopts an image canceling mixer for the FM mixer and incorporates a fast PLL
locking function to support RDS. The LV25400W also supports automatic alignment using CCB bus control. It requires
external EEPROM.
The LV25400W can implement a DSP tuner at low cost with a minimal number of external components.
Functions
• AM, FM, FE, IF, and PLL circuits
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC 8V
OSC_VCC (2), FE_VCC (58)
9.0
V
Maximum supply voltage
VCC 5V
XTAL_VCC (13), VCCD (22), VCCA (40)
6.0
V
CCB bus maximum input voltage
VIN max
Pin 18, 19, 20
-0.3 to +5.0
V
CCB bus maximum output voltage
VO
Pin 21
-0.3 to +6.5
V
Allowable power dissipation
Pd max
Ta
≤ 85°C *1
840
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-50 to +125
°C
*1 : Ratings vary with characteristics of the circuit board (materials, size, etc.) on which the device is to be mounted.
Bi-CMOS LSI
For Automotive Applications
DSP Tuner Front End
Ordering number : E*NA0633A
CCB is a registered trademark of SANYO Electric Co., Ltd.
CCB is SANYO Semiconductor's original bus format. All bus addresses are managed by SANYO
Semiconductor for this format.


Similar Part No. - LV25400W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
LV25400W SANYO-LV25400W Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
More results

Similar Description - LV25400W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV25400W SANYO-LV25400W_10 Datasheet
399Kb / 42P
   For Automotive Applications DSP Tuner Front End
LV25450PNW SANYO-LV25450PNW Datasheet
1Mb / 40P
   For Automotive Applications DSP Tuner Front End
LV25400W SANYO-LV25400W Datasheet
391Kb / 42P
   Bi-CMOS LSI DSP Tuner Front End for Automotive Applications
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Murata Manufacturing Co...
SF1186G MURATA-SF1186G Datasheet
868Kb / 6P
   Designed for Front End GPS Applications
SF1186B-2 MURATA-SF1186B-2 Datasheet
417Kb / 7P
   Designed for Front-end GPS Applications
logo
Texas Instruments
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
   Designed for RF Front-end Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com