Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESH1PC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ESH1PC
Description  High Current Density Surface Mount Ultrafast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH1PC Datasheet(HTML) 2 Page - Vishay Siliconix

  ESH1PC Datasheet HTML 1Page - Vishay Siliconix ESH1PC Datasheet HTML 2Page - Vishay Siliconix ESH1PC Datasheet HTML 3Page - Vishay Siliconix ESH1PC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88895
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ESH1PB, ESH1PC, ESH1PD
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage
IF = 0.7 A
TJ = 25 °C
VF (1)
0.86
V
IF = 1 A
0.90
Maximum reverse current at rated VR voltage
TJ = 25 °C
IR (2)
1.0
μA
TJ = 125 °C
25
Maximum reverse current
VR = 20 V
TJ = 150 °C
IR
50
μA
Maximum reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
25
ns
Typical reverse recovery time
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
trr
25
ns
TJ = 100 °C
35
Typical stored charge
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
Qrr
10
nC
TJ = 100 °C
15
Typical junction capacitance
4.0 V, 1 MHz
CJ
25
pF
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ESH1PB-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
ESH1PB-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
ESH1PBHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
ESH1PBHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
1.2
95
105
115
125
135
145
155
165
0.8
1.0
0.2
0.4
0.6
175
T
L Measured
at the Cathode Band Terminal
Lead Temperature (°C)
1
10
100
10
20
30
0
40
50
Number of Cycles at 50 Hz


Similar Part No. - ESH1PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH1PC VISHAY-ESH1PC Datasheet
96Kb / 4P
   Vishay General Semiconductor
Revision: 25-Jun-07
ESH1PC VISHAY-ESH1PC Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
More results

Similar Description - ESH1PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 24-Aug-11
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 13-May-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com