Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETH0806FP-M3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ETH0806FP-M3
Description  Hyperfast Rectifier, 8 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETH0806FP-M3 Datasheet(HTML) 8 Page - Vishay Siliconix

  ETH0806FP-M3 Datasheet HTML 1Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 2Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 3Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 4Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 5Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 6Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 7Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 8Page - Vishay Siliconix ETH0806FP-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 95260
For technical questions concerning discrete products, contact: diodestech@vishay.com
www.vishay.com
Revision: 22-Jan-10
For technical questions concerning module products, contact: indmodules@vishay.com
1
True 2 Pin TO-220 FULL-PAK
Outline Dimensions
Vishay High Power Products
DIMENSIONS in millimeters and inches
Ø Q
e
A
F
E
L
H
1
C
J
1
b
D
L
1
Q
2
Q
1
b
1
θ
SYMBOL
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
4.53
4.93
0.178
0.194
b
0.71
0.91
0.028
0.036
b1
1.15
1.39
0.045
0.055
C
0.36
0.53
0.014
0.021
D
15.67
16.07
0.617
0.633
E
9.96
10.36
0.392
0.408
e
5.08 typical
0.200 typical
F
2.34
2.74
0.092
0.107
H1
6.50
6.90
0.256
0.272
J1
2.56
2.96
0.101
0.117
L
12.78
13.18
0.503
0.519
L1
2.23
2.63
0.088
0.104
Ø Q
2.98
3.38
0.117
0.133
Q1
3.10
3.50
0.122
0.138
Q2
14.80
15.20
0.583
0.598
θ


Similar Part No. - ETH0806FP-M3

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ETH1-230LB COILCRAFT-ETH1-230LB Datasheet
360Kb / 3P
   ?쏱oE Plus??Magnetics
ETH1-230LD COILCRAFT-ETH1-230LD Datasheet
360Kb / 3P
   ?쏱oE Plus??Magnetics
ETH1-230 COILCRAFT-ETH1-230_15 Datasheet
360Kb / 3P
   ?쏱oE Plus??Magnetics
ETH1-460LB COILCRAFT-ETH1-460LB Datasheet
182Kb / 2P
   PoE Plus Magnetics
ETH1-460LB COILCRAFT-ETH1-460LB Datasheet
385Kb / 2P
   ?쏱oE Plus??Magnetics ??ETH1-460
More results

Similar Description - ETH0806FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8STH06FP VISHAY-8STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
8ETX06PBF VISHAY-8ETX06PBF_11 Datasheet
187Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8S2TH06FP VISHAY-8S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 19-Aug-10
VS-8ETH03SPBF VISHAY-VS-8ETH03SPBF Datasheet
172Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 09-Jul-15
VS-8ETH06HN3 VISHAY-VS-8ETH06HN3 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
VS-8EWH06FN-M3 VISHAY-VS-8EWH06FN-M3 Datasheet
161Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 05-Oct-16
VS-8E2TH06-E VISHAY-VS-8E2TH06-E Datasheet
175Kb / 10P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 18-Aug-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com