Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETH3006-M3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ETH3006-M3
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETH3006-M3 Datasheet(HTML) 7 Page - Vishay Siliconix

  ETH3006-M3 Datasheet HTML 1Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 2Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 3Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 4Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 5Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 6Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 7Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 8Page - Vishay Siliconix ETH3006-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95259
For technical questions concerning discrete products, contact: diodestech@vishay.com
www.vishay.com
Revision: 21-Jan-10
For technical questions concerning module products, contact: indmodules@vishay.com
1
True 2 Pin TO-220
Outline Dimensions
Vishay High Power Products
DIMENSIONS in millimeters and inches
Notes
(1) Lead dimension and finish uncontrolled in L1
• These dimensions are within allowable dimensions of JEDEC TO-220AB rev. J outline dated 3-24-87
• Controling dimension: Inch
E
A
F
Term. 4
e
D
L
0.150" REF.
0.002"
0.05 mm
H
1
Ø P
Q
b
1
L
1
b
J
1
c
12
Ø 2.0 mm REF.
60°
45°
B
A
SYMBOL
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
4.32
4.57
0.170
0.180
b
0.71
0.91
0.028
0.036
b1
1.15
1.39
0.045
0.055
c
0.36
0.53
0.014
0.021
D
14.99
15.49
0.590
0.610
E
10.04
10.41
0.395
0.410
e
5.08 BSC
0.200 BSC
F
1.22
1.37
0.048
0.054
H1
5.97
6.47
0.235
0.255
J1
2.54
2.79
0.100
0.110
L
13.47
13.97
0.530
0.550
L1 (1)
3.31
3.81
0.130
0.150
Ø P
3.79
3.88
0.149
0.153
Q
2.60
2.84
0.102
0.112


Similar Part No. - ETH3006-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH3006-1-M3 VISHAY-ETH3006-1-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
ETH3006-1TRL-M3 VISHAY-ETH3006-1TRL-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
ETH3006-1TRR-M3 VISHAY-ETH3006-1TRR-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
More results

Similar Description - ETH3006-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
ETH3006S-M3 VISHAY-ETH3006S-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06PBF VISHAY-30ETH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 28-Apr-11
30ETH06SPBF VISHAY-30ETH06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com