Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETH1506STRR-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ETH1506STRR-M3
Description  Hyperfast Rectifier, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETH1506STRR-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  ETH1506STRR-M3 Datasheet HTML 1Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 2Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 3Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 4Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 5Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 6Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 7Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 8Page - Vishay Siliconix ETH1506STRR-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 93573
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 21-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 15 A FRED Pt®
VS-ETH1506S-M3, VS-ETH1506-1-M3
Vishay Semiconductors
New Product
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• 175 °C operating junction temperature
• Low leakage current
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21
definition
• Designed and qualified according to JEDEC-JESD47
DESCRIPTION/APPLICATIONS
Hyperfast recovery rectifiers designed with optimized
performance of forward voltage drop, hyperfast recovery
time, and soft recovery.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in PFC Boost stage in
the AC/DC section of SMPS, inverters or as freewheeling
diodes.
The extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-263AB (D2PAK), TO-262AA
IF(AV)
15 A
VR
600 V
VF at IF
2.45 V
trr (typ.)
21 ns
TJ max.
175 °C
Diode variation
Single die
VS-ETH1506S-M3
VS-ETH1506-1-M3
TO-262
D2PAK
N/C
Anode
1
3
2
Anode
1
3
Base
cathode
2
N/C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Repetitive peak reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 139 °C
15
A
Non-repetitive peak surge current
IFSM
TC = 25 °C
160
Operating junction and storage
temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 15A
-
1.8
2.45
IF = 15 A, TJ = 150 °C
-
1.25
1.6
Reverse leakage current
IR
VR = VR rated
-
0.01
15
μA
TJ = 150 °C, VR = VR rated
-
20
200
Junction capacitance
CT
VR = 600 V
-
12
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - ETH1506STRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
logo
Inchange Semiconductor ...
ETH1506FP ISC-ETH1506FP Datasheet
251Kb / 2P
   Ultra fast Rectifier
logo
Vishay Siliconix
ETH1506FP-M3 VISHAY-ETH1506FP-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results

Similar Description - ETH1506STRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06SPBF VISHAY-15ETX06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
VS-ETH1506-M3 VISHAY-VS-ETH1506-M3 Datasheet
205Kb / 10P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
15S2TH06FP VISHAY-15S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
15STH06FP VISHAY-15STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
ETX1506S-M3 VISHAY-ETX1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
15ETH03SPBF VISHAY-15ETH03SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
VS-15ETH06HN3 VISHAY-VS-15ETH06HN3 Datasheet
174Kb / 7P
   Hyperfast Rectifier, 15 A Fred Pt
Revision: 10-Jul-15
15ETH06SPBF VISHAY-15ETH06SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETX1506-M3 VISHAY-ETX1506-M3 Datasheet
200Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com