Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETH3006STRL-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ETH3006STRL-M3
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETH3006STRL-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  ETH3006STRL-M3 Datasheet HTML 1Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 2Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 3Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 4Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 5Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 6Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 7Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 8Page - Vishay Siliconix ETH3006STRL-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93574
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 21-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-ETH3006S-M3, VS-ETH3006-1-M3
Hyperfast Rectifier, 30 A FRED Pt®
Vishay Semiconductors
New Product
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
FM (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
10
100
1000
T
J = 25 °C
T
J = 150 °C
T
J = 175 °C
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
10
100
1000
150 °C
175 °C
25 °C
50 °C
75 °C
125 °C
100 °C
Reverse Voltage - V
R (V)
Reverse Voltage-V
R (V)
0
100
200
300
400
500
600
1
10
100
1000
Single Pulse
(Thermal Resistance)
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
D = 0.01
t1, Rectangular Pulse Duration (s)
1E-051
E-041
E-031
E-021
E-01
1E+00
0.01
0.1
1
10


Similar Part No. - ETH3006STRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
ETH3006FP-M3 VISHAY-ETH3006FP-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
More results

Similar Description - ETH3006STRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06PBF VISHAY-30ETH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 28-Apr-11
30ETH06SPBF VISHAY-30ETH06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com