Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV58761MX Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV58761MX
Description  Step-down Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV58761MX Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV58761MX Datasheet HTML 1Page - Sanyo Semicon Device LV58761MX Datasheet HTML 2Page - Sanyo Semicon Device LV58761MX Datasheet HTML 3Page - Sanyo Semicon Device LV58761MX Datasheet HTML 4Page - Sanyo Semicon Device LV58761MX Datasheet HTML 5Page - Sanyo Semicon Device LV58761MX Datasheet HTML 6Page - Sanyo Semicon Device LV58761MX Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LV58761MX
No.A1964-4/7
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
BOOT
Upper MOS transistor boot strap capacitance connection pin.
Connect the boot capacitance of about 0.022uF between SW
pins. To protect the SW pin’s absolute maximum rating , to ensure
stable
operation, and to eliminate noise , the boot capacitance serial
resistance (about 100Ω) Rb
proves effective.
VIN
BOOT
SW
Short protection
circuit
Output MOS
2
VIN
Input Voltage Pin. Connect substantially large (10uF more)
capacitance between this pin and GND.
3
SW
Power Switch pin.
Connect the output LC filter.
Connect the above capacitance between this pin and BOOT pin.
4
GND
Ground pin.
5
FB
Feedback pin.
Set the output voltage by means of split resistor in the section of
the output voltage
VOUT-FB-GND. VOUT setting is made as calculated below.
VOUT = Vref × { 1 +
(R1 + R10)
R3
}
Vref = 0.8V
Example: 3.3V output voltage
(See, Block Diagram and Application example)
VOUT = 0.8 × { 1 +
(27k + 4.3k)
10k
}
=3.304V
SS
VREF
0.8V
VIN
FB
Internal Regulation line
8
SS
Soft start pin.
Sets the soft start time by means of the built-in 5
μA source
voltage and external soft start capacity. The soft start capacity
CSS can be set as follows:
CSS = 5μA ×
Tss
Vref
Where, Tss is the soft start time and Vref is the reference
voltage.
Example:2.4ms soft start time achieved
CSS = 5μA ×
2.4ms
0.8V = 0.015μF
6
COMP
Phase compensation pin.
Connects with the phase compensation external capacitance and
resistance of DC/DC converter close loop.
COMP
VIN
Short
protection
circuit
Internal Reguretion line
7
EN
Enable pin.
Converter enabled when set to the HIGH voltage and disabled
when GND or OPEN state.
EN
VIN


Similar Part No. - LV58761MX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5876MX SANYO-LV5876MX Datasheet
548Kb / 7P
   Step-down Switching Regulator
More results

Similar Description - LV58761MX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com