Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV59012M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV59012M
Description  1.2V Constant-Voltage Power Supply IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV59012M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV59012M Datasheet HTML 1Page - Sanyo Semicon Device LV59012M Datasheet HTML 2Page - Sanyo Semicon Device LV59012M Datasheet HTML 3Page - Sanyo Semicon Device LV59012M Datasheet HTML 4Page - Sanyo Semicon Device LV59012M Datasheet HTML 5Page - Sanyo Semicon Device LV59012M Datasheet HTML 6Page - Sanyo Semicon Device LV59012M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LV59012M
No.A1461-4/7
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
VIN1
Power system supply pin.
6
VO
Output voltage pin.
1 VIN1
6 VO
8 GND
300
Ω
2
NC
No contact.
3
VIN2
Signal system power supply pin.
4
CTL
ON/OFF control pin.
VIN2
4
8
GND
10k
Ω
1.5M
Ω
3
CTL
5
NC
No contact.
7
NC
No contact.
8
GND
Ground pin.
IVIN -- Ta
ISTBY -- Ta
VLN -- Ta
VLD -- Ta
VIN1 = VIN2 = 3V
VIN1 = VIN2 = 3V
VIN1 = VIN2 = 1.8 to 6V
IO = 10mA
VIN1 = VIN2 = 3V
IO = 5mA to 1A
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
80
90
100
110
0.100
0
0.025
0.050
0.075
1.5
0.5
0.75
1.0
1.25
8
2
4
5
7
6
3
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C


Similar Part No. - LV59012M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
More results

Similar Description - LV59012M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
   1.2V Constant-Voltage Power Supply IC
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
   2.5V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
   1.8V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
   3.3V Constant-Voltage Power Supply IC
LV59018M SANYO-LV59018M_10 Datasheet
316Kb / 7P
   1.8V Constant-Voltage Power Supply IC
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Mean Well Enterprises C...
APV-25 MEANWELL-APV-25_17 Datasheet
70Kb / 2P
   CONSTANT VOLTAGE MODE POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com