Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET40-502 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ET40-502
Description  DC Filter Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ET40-502 Datasheet(HTML) 3 Page - Vishay Siliconix

  ET40-502 Datasheet HTML 1Page - Vishay Siliconix ET40-502 Datasheet HTML 2Page - Vishay Siliconix ET40-502 Datasheet HTML 3Page - Vishay Siliconix ET40-502 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 13014
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 11-Aug-10
3
ET
DC Filter Capacitors
Vishay ESTA
Notes
(1) Capacitance tolerance of 20 % is standard
• Non standard size containers can be supplied on request
TYPE DESCRIPTION
PART NUMBER
CAP.
[μF]
L
[mm]
D
[mm]
6000 VDC WKG
ET60-102
0.001 (1)
55
17
ET60-202
0.002 (1)
55
17
ET60-502
0.005 (1)
65
17
ET60-103
0.01
65
20
ET60-203
0.02
80
20
ET60-503
0.05
100
25
ET60-104
0.10
100
35
ET60-254
0.25
135
42
8000 VDC WKG
ET80-502
0.005 (1)
65
20
ET80-103
0.01
80
20
ET80-503
0.05
105
35
ET80-104
0.10
105
42
ET80-254
0.25
170
42
10 000 VDC WKG
ET100-102
0.001 (1)
65
17
ET100-502
0.005 (1)
65
22
ET100-103
0.01
80
22
ET100-203
0.02
80
30
ET100-503
0.05
105
35
ET100-104
0.10
170
35
ET100-254
0.25
205
42
12 000 VDC WKG
ET120-202
0.002 (1)
95
20
ET120-502
0.005 (1)
95
30
ET120-103
0.01
115
30
ET120-203
0.02
115
35
ET120-503
0.05
180
35
ET120-104
0.10
180
42
15 000 VDC WKG
ET150-102
0.001 (1)
95
17
ET150-202
0.002 (1)
95
20
ET150-502
0.005 (1)
110
20
ET150-103
0.01
110
30
ET150-203
0.02
110
35
ET150-503
0.05
150
42
ET150-104
0.10
245
42
20 000 VDC WKG
ET200-102
0.001 (1)
115
22
ET200-502
0.005 (1)
145
25
ET200-103
0.01
145
30
ET200-203
0.02
195
30
ET200-503
0.05
245
42
ET200-104
0.10
320
42
TYPE DESCRIPTION
PART NUMBER
CAP.
[μF]
L
[mm]
D
[mm]
25 000 VDC WKG
ET250-501
0.0005 (1)
145
17
ET250-102
0.001 (1)
145
20
ET250-502
0.005
175
30
ET250-103
0.010
175
35
ET250-503
0.05
300
42
30 000 VDC WKG
ET300-501
0.0005 (1)
170
17
ET300-102
0.001 (1)
170
20
ET300-202
0.002
170
25
ET300-502
0.005
205
30
ET300-103
0.010
205
35
ET300-203
0.02
280
35
ET300-303
0.03
280
42
40 000 VDC WKG
ET400-102
0.001 (1)
210
20
ET400-202
0.002
275
20
ET400-103
0.010
275
42
50 000 VDC WKG
ET500-501
0.0005 (1)
275
22
ET500-102
0.001 (1)
275
22
ET500-202
0.002
340
22
ET500-502
0.005
340
35
ET500-103
0.010
340
42
60 000 VDC WKG
ET600-102
0.001 (1)
330
25
ET600-152
0.0015
330
30


Similar Part No. - ET40-502

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
ET40 EXTECH-ET40 Datasheet
721Kb / 2P
   Electrical Testers
logo
Agere Systems
ET4000 AGERE-ET4000 Datasheet
241Kb / 2P
   Single-Chip 28 x 1 Gbits/s Layer 2 Ethernet Switch
logo
List of Unclassifed Man...
ET4000-V33 ETC1-ET4000-V33 Datasheet
5Mb / 92P
   Video Image Processor
ET4000-W32I ETC1-ET4000-W32I Datasheet
14Mb / 294P
   ET4000W32I Graphics Accelerator
ET4000-W32P ETC1-ET4000-W32P Datasheet
14Mb / 278P
   ET4000W32P Graphics Accelerator
More results

Similar Description - ET40-502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ER10-104 VISHAY-ER10-104 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
EC100-104 VISHAY-EC100-104 Datasheet
179Kb / 2P
   High Voltage DC Filter Capacitors
Revision: 11-Aug-10
EPR VISHAY-EPR Datasheet
85Kb / 3P
   High Voltage DC Filter Capacitors
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
CUI INC
VFM-XX CUI-VFM-XX_V01 Datasheet
3Mb / 9P
   DC EMI FILTER
01/17/2022
VFM-XX CUI-VFM-XX Datasheet
633Kb / 7P
   DC EMI FILTER
logo
Schaffner International...
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
   DC Feedthrough Filter
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com