Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD750A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD750A
Description  isc Silicon PNP Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD750A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD750A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD750A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BD750/750A
DESCRIPTION
· Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -90V(Min)- BD750
= -120V(Min)- BD750A
·High Power Dissipation
·Complement to Type BD751/751A
APPLICATIONS
·Designed for high voltage and high power amplifier
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD750
-100
VCEV
Collector-Emitter Voltage
BD750A
-130
V
BD750
-90
VCEO(SUS)
Collector-Emitter Voltage
BD750A
-120
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-20
A
IB
B
Base Current-Continuous
-5
A
PC
Collector Power Dissipation@TC=25℃
200
W
TJ
Junction Temperature
200
Tstg
Storage Temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.875
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BD750A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD750 NJSEMI-BD750 Datasheet
76Kb / 2P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD750B ISC-BD750B Datasheet
82Kb / 2P
   isc Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD750B NJSEMI-BD750B Datasheet
133Kb / 2P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BD750C ISC-BD750C Datasheet
82Kb / 2P
   isc Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD750C NJSEMI-BD750C Datasheet
133Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - BD750A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistors
MJD32C ISC-MJD32C Datasheet
261Kb / 3P
   isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
   isc Silicon PNP Power Transistors
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
   isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
   isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
   isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
   isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
   isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
   isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
   isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com