Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETU3006STRL-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ETU3006STRL-M3
Description  Ultrafast Rectifier, 30 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETU3006STRL-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  ETU3006STRL-M3 Datasheet HTML 1Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 2Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 3Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 4Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 5Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 6Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 7Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 8Page - Vishay Siliconix ETU3006STRL-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93592
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-ETU3006S-M3, VS-ETU3006-1-M3
Vishay Semiconductors
Ultrafast Rectifier, 30 A FRED Pt®
New Product
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Average Forward Current - I
F(AV) (A)
0
5
10
15
20
25
30
35
40
45
90
100
110
120
130
140
150
160
170
180
DC
Average Forward Current - I
F(AV) (A)
0
5
10
15
20
25
30
35
40
45
0
20
10
30
40
50
60
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
DC
RMS Limit
dI
F/dt (A/μs)
10
20
30
40
50
60
70
80
90
100
110
120
130
100
1000
I
F = 30 A, 125 °C
I
F = 30 A, 25 °C
typical value
dI
F/dt (A/μs)
200
0
400
600
800
1000
1200
1400
1600
1800
100
1000
I
F = 30 A, 125 °C
I
F = 30 A, 25 °C
typical value


Similar Part No. - ETU3006STRL-M3

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
ETU3006S THINKISEMI-ETU3006S Datasheet
2Mb / 5P
   ThinkiSemi 30Ampere,600Volt Surface Mount Ultrafast Recovery Epitaxial Diode
More results

Similar Description - ETU3006STRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETU3006-M3 VISHAY-ETU3006-M3 Datasheet
199Kb / 9P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 11-Mar-11
APU3006-F3 VISHAY-APU3006-F3 Datasheet
231Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 24-May-11
VS-ETU3006-M3 VISHAY-VS-ETU3006-M3 Datasheet
201Kb / 9P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 11-Mar-11
30EPH03PBF VISHAY-30EPH03PBF_11 Datasheet
162Kb / 8P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
VSEEPU3006F3 VISHAY-VSEEPU3006F3 Datasheet
230Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 05-Apr-12
VS-ETU3006S-M3 VISHAY-VS-ETU3006S-M3 Datasheet
186Kb / 8P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 09-Jul-15
VS-ETU3006FP-M3 VISHAY-VS-ETU3006FP-M3 Datasheet
201Kb / 9P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-11
VS-ETU3006SHM3 VISHAY-VS-ETU3006SHM3 Datasheet
122Kb / 6P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 10-Jul-15
APU3006-F3 VISHAY-APU3006-F3_12 Datasheet
228Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 15-Aug-11
60CPU04-F3 VISHAY-60CPU04-F3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt
Revision: 17-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com