Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD898 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD898
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD898 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD898 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD898 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD898 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD896/898/900/902
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD896
-45
BD898
-60
BD900
-80
V(BR)CEO
Collector-emitter
breakdown voltage
BD902
IC=-100mA, IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-3A ,IB=-12mA
-2.5
V
VBE
Base-emitter on voltage
IC=-3A ; VCE=-3V
-2.5
V
BD896
VCB=-45V, IE=0
TC=100℃
-0.2
-2.0
BD898
VCB=-60V, IE=0
TC=100℃
-0.2
-2.0
BD900
VCB=-80V, IE=0
TC=100℃
-0.2
-2.0
ICBO
Collector cut-off current
BD902
VCB=-100V, IE=0
TC=100℃
-0.2
-2.0
mA
BD896
VCE=-30V, IB=0
BD898
VCE=-30V, IB=0
BD900
VCE=-40V, IB=0
ICEO
Collector cut-off current
BD902
VCE=-50V, IB=0
-0.5
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2
mA
hFE
DC current gain
IC=-3A ; VCE=-3V
750
VEC
Diode forward voltage
IE=-8A
-3.5
V
ton
Turn-on time
1
μs
toff
Turn-off time
IC=-3A ; IB1=-IB2=-12mA
VBE=3.5V;RL=10Ω;tp=20μs
5
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.79
℃/W


Similar Part No. - BD898

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD898 POINN-BD898 Datasheet
151Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BD898 TRSYS-BD898 Datasheet
435Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD898 BOURNS-BD898 Datasheet
116Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Comset Semiconductor
BD898 COMSET-BD898 Datasheet
107Kb / 4P
   SILICON DARLINGTON POWER TRANSISTORS
logo
Power Innovations Ltd
BD898A POINN-BD898A Datasheet
150Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Similar Description - BD898

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com