Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETX1506-1TRL-M3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ETX1506-1TRL-M3
Description  Hyperfast Rectifier, 15 A FRED Pt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ETX1506-1TRL-M3 Datasheet(HTML) 7 Page - Vishay Siliconix

  ETX1506-1TRL-M3 Datasheet HTML 1Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 2Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 3Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 4Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 5Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 6Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 7Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 8Page - Vishay Siliconix ETX1506-1TRL-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95046
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D2PAK
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5 M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Datum A and B to be determined at datum plane H
(6) Controlling dimension: inch
(7) Outline conforms to JEDEC outline TO-263AB
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
8.00
0.270
0.315
3
A1
0.00
0.254
0.000
0.010
E
9.65
10.67
0.380
0.420
2, 3
b
0.51
0.99
0.020
0.039
E1
7.90
8.80
0.311
0.346
3
b1
0.51
0.89
0.020
0.035
4
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
4
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
3
c1
0.38
0.58
0.015
0.023
4
L2
1.27
1.78
0.050
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.51
9.65
0.335
0.380
2
L4
4.78
5.28
0.188
0.208
c
B
Detail A
c2
A
A
A
± 0.004
B
M
A
Lead tip
(3)
(3)
View A - A
(E)
(D1)
E1
B
H
A1
Detail “A”
Rotated 90 °CW
Scale: 8:1
L
Gauge
plane
0° to 8°
L3
L4
Seating
plane
Section B - B and C - C
Scale: None
(4)
(4)
(b, b2)
b1, b3
(c)
c1
Base
Metal
Plating
Conforms to JEDEC outline D2PAK (SMD-220)
13
2
D
C
A
L2
E
(2)(3)
(2)
4
H
BB
2 x b
2 x b2
L1
0.010
A
B
MM
(3)
e
2 x
Pad layout
MIN.
11.00
(0.43)
MIN.
9.65
(0.38)
MIN.
3.81
(0.15)
MIN.
2.32
(0.08)
17.90 (0.70)
15.00 (0.625)
2.64 (0.103)
2.41 (0.096)
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - ETX1506-1TRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETX1506-M3 VISHAY-ETX1506-M3 Datasheet
200Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results

Similar Description - ETX1506-1TRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06SPBF VISHAY-15ETX06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
ETH1506S-M3 VISHAY-ETH1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 21-Apr-11
VS-ETH1506-M3 VISHAY-VS-ETH1506-M3 Datasheet
205Kb / 10P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
15S2TH06FP VISHAY-15S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
15STH06FP VISHAY-15STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
15ETH03SPBF VISHAY-15ETH03SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
VS-15ETH06HN3 VISHAY-VS-15ETH06HN3 Datasheet
174Kb / 7P
   Hyperfast Rectifier, 15 A Fred Pt
Revision: 10-Jul-15
15ETH06SPBF VISHAY-15ETH06SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETX1506-M3 VISHAY-ETX1506-M3 Datasheet
200Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com