Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV766106F Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV766106F
Description  For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV766106F Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV766106F Datasheet HTML 1Page - Sanyo Semicon Device LV766106F Datasheet HTML 2Page - Sanyo Semicon Device LV766106F Datasheet HTML 3Page - Sanyo Semicon Device LV766106F Datasheet HTML 4Page - Sanyo Semicon Device LV766106F Datasheet HTML 5Page - Sanyo Semicon Device LV766106F Datasheet HTML 6Page - Sanyo Semicon Device LV766106F Datasheet HTML 7Page - Sanyo Semicon Device LV766106F Datasheet HTML 8Page - Sanyo Semicon Device LV766106F Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LV766106F
No.A1893-3/41
μ-Controller Chip Absolute maximum ratings at Ta=25
°C, VSS=0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum Supply voltage
VDD max
CpuVDD
-0.3
~
+6.0
Input voltage
VI
XT1,RES#
-0.3
~
VDD+0.3
VO1
XT2,FILT
-0.3
~
VDD+0.3
Output voltage
VO2
CpuVDD2
-0.3
~
3.3V+0.3
Input/output voltage
VIO
Ports0,1
-0.3
~
VDD+0.3
V
Peak output
current
IOPH
Ports04~07,1
CMOS output
For each pin.
-10
Mean Output
current
IOMH
Ports04~07,1
CMOS output
For each pin.
-1
High level
output
current
Total output
current
ΣIOAH
Ports04~07,1
The total of all
pins.
-25
Peak output
current
IOPL
Ports0,1
For each pin
20
IOML1
P02,P03,P06,P07
Ports1
For each pin
1
Mean output
current
IOML2
P00,P01,P04,P05
For each pin
8
ΣIOAL1
P02,P03,P06,P07
Ports1
The total of all
pins.
45
Low level
output
current
Total output
Current
ΣIOAL2
P00,P01,P04,P05
The total of all
pins.
16
mA
μ-Conttoller Chip Recommended operating range at Ta=-10
°C to +65°C, VSS=0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Operating supply
voltage range
VDD
CpuVDD
0.229µs≤tCYC≤200µs
4.5
5.5
Hold voltage
VHD
CpuVDD
RAMs and the registers data are
kept in HOLD mode.
2.0
5.5
VIH1
Ports0,1,
P00 port input
/interrupt
4.5 to 5.5
0.3VDD
+0.7
VDD
VIH2
Port00
Watch-dog
timer
4.5 to 5.5
0.9VDD
VDD
High level input
Voltage
VIH3
RES#
4.5 to 5.5
0.75VDD
VDD
VIL1
Ports0,1,
P00 port input
/interrupt
4.5 to 5.5
VSS
0.1VDD
+0.4
VIL2
Port00
Watch-dog timer
4.5 to 5.5
VSS
0.8VDD
-1.0
Low level input
Voltage
VIL3
RES#
4.5 to 5.5
VSS
0.25VDD
V
tCYC1
All functions operating
4.5 to 5.5
0.231
Operation cycle time
(*3)
tCYC2
OSD and Data slicer are not
operating
4.5 to 5.5
0.231
200
µs
FmVCO1
Built-in VCO1
Oscillation System clock
4.5 to 5.5
13.0
OCKSEL=0
12.5
FmVCO2
(*4)
Built-in VCO2
oscillation
OSD clock
OCKSEL=1
4.5 to 5.5
16.6
FmRC
Built-in RC oscillation
4.5 to 5.5
0.3
1.0
2.0
MHz
Oscillation
frequency range
FsX’tal
(*4)
XT1(P07),
XT2(P06)
At the 32.768KHz crystal
Oscillating See the figure1
4.5 to 5.5
32.768
KHz
Oscillation
stabilizing time
tmsVCO
after the HOLD mode
Power-On
4.5 to 5.5
300
mS
(Note) FLASH-ROM erase/write temperature range :Ta=25±2
°C(VDD=4.5 to 5.5V)
(*3) Relational expression between Tcyc and oscillation frequency;
1/1 frequency dividing: 3/FmVCO1, 1/2 frequency dividing: 6/FVCO1.
(*4) OCKSEL is the selectable register for OSD clock frequency. (See the LC873600 users manual for details.)
(*5)When the base timer count of clock accuracy is necessary , use the port terminal (two ports) as the crystal oscillation.
(See the [12 μ-Controller Chip Crystal Oscillation Circuit and Sample Characteristics] for details.)


Similar Part No. - LV766106F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV766106C SANYO-LV766106C Datasheet
546Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
More results

Similar Description - LV766106F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV76213A2F SANYO-LV76213A2F Datasheet
586Kb / 45P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76213A2C SANYO-LV76213A2C Datasheet
572Kb / 44P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116F SANYO-LV766116F Datasheet
565Kb / 43P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106C SANYO-LV766106C Datasheet
546Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116C SANYO-LV766116C Datasheet
552Kb / 42P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76223A3F SANYO-LV76223A3F Datasheet
603Kb / 47P
   For PAL/NTSC/SECAM Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LA76835NM SANYO-LA76835NM_07 Datasheet
276Kb / 50P
   Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Mitsubishi Electric Sem...
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com