Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC40SA50FK Datasheet(PDF) 9 Page - Vishay Siliconix

Part # FC40SA50FK
Description  Power MOSFET, 40 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FK Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button FC40SA50FK Datasheet HTML 2Page - Vishay Siliconix FC40SA50FK Datasheet HTML 3Page - Vishay Siliconix FC40SA50FK Datasheet HTML 4Page - Vishay Siliconix FC40SA50FK Datasheet HTML 5Page - Vishay Siliconix FC40SA50FK Datasheet HTML 6Page - Vishay Siliconix FC40SA50FK Datasheet HTML 7Page - Vishay Siliconix FC40SA50FK Datasheet HTML 8Page - Vishay Siliconix FC40SA50FK Datasheet HTML 9Page - Vishay Siliconix FC40SA50FK Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 95036
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 28-Aug-07
1
SOT-227
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Notes
• Dimensioning and tolerancing per ANSI Y14.5M-1982
• Controlling dimension: millimeter
38.30 (1.508)
37.80 (1.488)
-A-
4
12
3
12.50 (0.492)
7.50 (0.295)
Ø 4.40 (0.173)
Ø 4.20 (0.165)
30.20 (1.189)
29.80 (1.173)
15.00 (0.590)
6.25 (0.246)
25.70 (1.012)
25.20 (0.992)
-B-
R full
Chamfer
2.00 (0.079) x 45°
2.10 (0.082)
1.90 (0.075)
8.10 (0.319)
7.70 (0.303)
4 x
2.10 (0.082)
1.90 (0.075)
-C-
0.12 (0.005)
12.30 (0.484)
11.80 (0.464)
MM
M
0.25 (0.010)
CA
B
4 x M4 nuts


Similar Part No. - FC40SA50FK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FC40SA50FK IRF-FC40SA50FK Datasheet
122Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - FC40SA50FK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
   Power MOSFET, 40 A
Revision: 01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2022
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
   Power MOSFET, 40 A
Revision: 13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
   Power MOSFET, 40 A
01-Jan-2023
logo
ON Semiconductor
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
   Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
   Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
   Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com