Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCSP07H40TR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # FCSP07H40TR
Description  FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FCSP07H40TR Datasheet(HTML) 6 Page - Vishay Siliconix

  FCSP07H40TR Datasheet HTML 1Page - Vishay Siliconix FCSP07H40TR Datasheet HTML 2Page - Vishay Siliconix FCSP07H40TR Datasheet HTML 3Page - Vishay Siliconix FCSP07H40TR Datasheet HTML 4Page - Vishay Siliconix FCSP07H40TR Datasheet HTML 5Page - Vishay Siliconix FCSP07H40TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - FCSP07H40TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP07H40TR VISHAY-FCSP07H40TR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 18-Apr-08
More results

Similar Description - FCSP07H40TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP0730TR VISHAY-FCSP0730TR_11 Datasheet
112Kb / 6P
   FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 04-Jul-11
FCSP1H40LTR VISHAY-FCSP1H40LTR_11 Datasheet
114Kb / 6P
   FlipKY,1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP05H40TR VISHAY-FCSP05H40TR_11 Datasheet
116Kb / 6P
   FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.5 A
Revision: 04-Jul-11
FCSP140LTR VISHAY-FCSP140LTR_11 Datasheet
117Kb / 6P
   FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP2H40LTR VISHAY-FCSP2H40LTR_11 Datasheet
121Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP130LTR VISHAY-FCSP130LTR_11 Datasheet
115Kb / 6P
   FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP230LTR VISHAY-FCSP230LTR_11 Datasheet
119Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 04-Jul-11
FCSP240LTR VISHAY-FCSP240LTR_11 Datasheet
121Kb / 6P
   FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
Revision: 08-Jun-11
FCSP07H40TR VISHAY-FCSP07H40TR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 18-Apr-08
FCSP0730TR VISHAY-FCSP0730TR Datasheet
100Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier, 0.75 A
Revision: 27-Feb-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com