Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH3144 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH3144
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH3144 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH3144 Datasheet HTML 1Page - Sanyo Semicon Device MCH3144 Datasheet HTML 2Page - Sanyo Semicon Device MCH3144 Datasheet HTML 3Page - Sanyo Semicon Device MCH3144 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH3144 / MCH3244
No.8210-3/4
7
100
2
3
5
7
1000
5
7
100
2
3
5
7
1000
7
100
2
3
5
7
1000
5
7
100
2
3
5
7
1000
5
7
2
3
5
7
10
23
5
7
0.1
1.0
23
5
7
10
23
5
2
10
3
5
7
23
5
7
--0.1
--1.0
23
5
7 --10
23
5
Ta=75°C
--25°C
25°C
23
5
7
0.01
0.1
23
5
7
1.0
23
Cob -- VCB
MCH3144
f=1MHz
Cob -- VCB
MCH3244
f=1MHz
IT09088
IT09089
IT09084
IT09086
IT09085
IT09087
hFE -- IC
MCH3144
VCE= --2V
hFE -- IC
MCH3244
VCE=2V
f T -- IC
f T -- IC
23
5
7
--0.01
--0.1
23
5
7 --1.0
23
23
5
7
0.01
0.1
23
5
7
1.0
23
MCH3144
VCE= --10V
MCH3244
VCE=10V
23
5
7
--0.01
--0.1
23
5
7 --1.0
23
--25°C
Ta=75°C
25°C
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
5
0.01
2
3
5
7
0.1
2
3
5
7
23
5
7
0.01
0.1
23
5
7
1.0
23
--0.01
2
3
5
7
--0.1
2
3
5
23
5
7
--0.01
--0.1
23
5
7 --1.0
23
VCE(sat) -- IC
--25
°C
Ta
=7
C
MCH3144
IC / IB=20
VCE(sat) -- IC
MCH3244
IC / IB=20
--25
°C
Ta=75
°C
IT09090
IT09091
25
°C
25
°C
Collector Current, IC -- A
Collector Current, IC -- A


Similar Part No. - MCH3144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
   PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
logo
ON Semiconductor
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3144-TL-E ONSEMI-MCH3144-TL-E Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results

Similar Description - MCH3144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com