Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # 24NM60N
Description  N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

24NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  24NM60N Datasheet HTML 1Page - STMicroelectronics 24NM60N Datasheet HTML 2Page - STMicroelectronics 24NM60N Datasheet HTML 3Page - STMicroelectronics 24NM60N Datasheet HTML 4Page - STMicroelectronics 24NM60N Datasheet HTML 5Page - STMicroelectronics 24NM60N Datasheet HTML 6Page - STMicroelectronics 24NM60N Datasheet HTML 7Page - STMicroelectronics 24NM60N Datasheet HTML 8Page - STMicroelectronics 24NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STL24NM60N
Electrical characteristics
Doc ID 18363 Rev 2
5/14
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
16
64
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 16 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 16 A, di/dt = 100 A/µs
VDD = 100 V (see Figure 4)
-
340
4.6
27
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 16 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see
Figure 4)
-
4.4
5.7
28
ns
µC
A


Similar Part No. - 24NM60N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
24N06 VBSEMI-24N06 Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
24N06G VBSEMI-24N06G Datasheet
897Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Motorola, Inc
24N40E MOTOROLA-24N40E Datasheet
174Kb / 8P
   TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
logo
Unisonic Technologies
24N50 UTC-24N50 Datasheet
163Kb / 6P
   24 Amps, 500 Volts N-CHANNEL POWER MOSFET
24N50 UTC-24N50 Datasheet
213Kb / 6P
   24A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 24NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STL26NM60N STMICROELECTRONICS-STL26NM60N Datasheet
697Kb / 14P
   N-channel 600 V, 0.160 廓, 19 A PowerFLAT??8x8 HV ultra low gate charge MDmesh??II Power MOSFET
STL45N60DM6 STMICROELECTRONICS-STL45N60DM6 Datasheet
362Kb / 14P
   N-channel 600 V, 0.094 廓 typ., 25 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
July 2020
STL26N60DM6 STMICROELECTRONICS-STL26N60DM6 Datasheet
359Kb / 14P
   N-channel 600 V, 175 m廓 typ., 15 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
September 2020
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STL36N60M6 STMICROELECTRONICS-STL36N60M6 Datasheet
418Kb / 15P
   N-channel 600 V, 91 m廓 typ., 25 A MDmesh??M6 Power MOSFET in a PowerFLAT??8x8 HV package
Rev 4 - September 2018
STL47N60M6 STMICROELECTRONICS-STL47N60M6 Datasheet
575Kb / 15P
   N-channel 600 V, 70 m廓 typ., 31 A MDmesh??M6 Power MOSFET in a PowerFLAT??8x8 HV package
Rev 2 - January 2019
STL52N60DM6 STMICROELECTRONICS-STL52N60DM6 Datasheet
356Kb / 14P
   N-channel 600 V, 72 m廓 typ., 45 A, MDmesh DM6 Power MOSFET in a PowerFLAT 8x8 HV package
June 2021
STL18N55M5 STMICROELECTRONICS-STL18N55M5 Datasheet
900Kb / 14P
   N-channel 550 V, 0.205, 13 A PowerFLAT 8x8 HV MDmesh V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com