Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEP30JP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FEP30JP
Description  Dual Common Cathode Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP30JP Datasheet(HTML) 1 Page - Vishay Siliconix

  FEP30JP Datasheet HTML 1Page - Vishay Siliconix FEP30JP Datasheet HTML 2Page - Vishay Siliconix FEP30JP Datasheet HTML 3Page - Vishay Siliconix FEP30JP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88597
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 08-Apr-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Dual Common Cathode Ultrafast Rectifier
FEP30AP thru FEP30JP
Vishay General Semiconductor
FEATURES
• Glass passivated chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low thermal resistance
• High forward surge capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, dc-to-dc
converters, and other power switching application.
MECHANICAL DATA
Case: TO-247AD (TO-3P)
Epoxy meets UL 94 V-0 flammability rating
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class 1A
whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
50 V to 600 V
IFSM
300 A
trr
35 ns, 50 ns
VF
0.95 V, 1.3 V, 1.5 V
TJ max.
150 °C
PIN 1
PIN 3
CASE
PIN 2
TO-247AD (TO-3P)
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP
30AP
FEP
30BP
FEP
30CP
FEP
30DP
FEP
30FP
FEP
30GP
FEP
30HP
FEP
30JP
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
at TC = 100 °C
IF(AV)
30
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
300
A
Operating storage and temperature range
TJ, TSTG
- 55 to + 150
°C/W


Similar Part No. - FEP30JP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FEP30JP GE-FEP30JP Datasheet
73Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP30JP VISHAY-FEP30JP Datasheet
76Kb / 4P
   Dual Common Cathode Ultrafast Rectifier
Revision: 08-Apr-10
logo
Thinki Semiconductor Co...
FEP30JP THINKISEMI-FEP30JP Datasheet
712Kb / 2P
   30.0 Ampere Dual Fast Efficient Positive Polarity Power Rectifiers
FEP30JP THINKISEMI-FEP30JP Datasheet
712Kb / 2P
   30.0 Ampere Dual Fast Efficient Negative Polarity Power Rectifiers
FEP30JP THINKISEMI-FEP30JP Datasheet
712Kb / 2P
   30.0 Ampere Dual Fast Efficient Doubler Polarity Power Rectifiers
More results

Similar Description - FEP30JP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 13-May-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com