Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5SBA60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # G5SBA60
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G5SBA60 Datasheet(HTML) 2 Page - Vishay Siliconix

  G5SBA60 Datasheet HTML 1Page - Vishay Siliconix G5SBA60 Datasheet HTML 2Page - Vishay Siliconix G5SBA60 Datasheet HTML 3Page - Vishay Siliconix G5SBA60 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G5SBA20, G5SBA60 & G5SBA80
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88608
Revision: 15-Dec-08
2
Notes:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
G5SBA20
G5SBA60
G5SBA80
UNIT
Maximum instantaneous forward voltage per diode
3.0 A
VF
1.05
V
Maximum DC reverse current at rated DC blocking
voltage per diode
TJ = 25 °C
TJ = 125 °C
IR
5.0
300
µA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
G5SBA20
G5SBA60
G5SBA80
UNIT
Typical thermal resistance
RθJA
(2)
RθJC
(1)
22
3.4
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
G5SBA60-E3/45
3.565
45
20
Tube
G5SBA60-E3/51
3.565
51
250
Paper tray
Figure 1. Derating Curve Output Rectified Current
0
50
100
150
0
2.0
4.0
6.0
8.0
Temperature (°C)
Heatsink Mounting, T
C
P.C.B. Mounting, T
A
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
0
50
100
150
T
J = TJ Max.
Single Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle


Similar Part No. - G5SBA60

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G5SBA60 GE-G5SBA60 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
G5SBA60 VISHAY-G5SBA60 Datasheet
1Mb / 62P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
G5SBA60 VISHAY-G5SBA60 Datasheet
116Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
01-Jan-2022
G5SBA60-E3/45 VISHAY-G5SBA60-E3/45 Datasheet
89Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 27-Sep-13
G5SBA60-E3/51 VISHAY-G5SBA60-E3/51 Datasheet
89Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 27-Sep-13
More results

Similar Description - G5SBA60

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com