Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX84 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDX84
Description  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX84 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDX84 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX84 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDX84/A/B/C
DESCRIPTION
·High DC Current Gain-
: hFE= 1000(Min)@ IC= -5A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -45V(Min)- BDX84; -60V(Min)- BDX84A
-80V(Min)- BDX84B; -100V(Min)- BDX84C
APPLICATIONS
·Power switching
·Hammer drivers
·Series and shunt regulators
·Audio amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDX84
-45
BDX84A
-60
BDX84B
-80
VCBO
Collector-Base Voltage
BDX84C
-100
V
BDX84
-45
BDX84A
-60
BDX84B
-80
VCEO
Collector-Emitter Voltage
BDX84C
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
ICM
Collector Current-Peak
-15
A
IB
B
Base Current
-250
mA
PC
Collector Power Dissipation
@ TC=25℃
125
W
TJ
Junction Temperature
200
Tstg
Storage Temperature Range
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.4
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDX84

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BDX84 NJSEMI-BDX84 Datasheet
134Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Seme LAB
BDX84A SEME-LAB-BDX84A Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
New Jersey Semi-Conduct...
BDX84A NJSEMI-BDX84A Datasheet
93Kb / 2P
   DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
BDX84A NJSEMI-BDX84A Datasheet
134Kb / 2P
   Silicon PNP Darlington Power Transistor
BDX84B NJSEMI-BDX84B Datasheet
134Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDX84

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com