Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA300TD60S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GA300TD60S
Description  Dual INT-A-PAK Low Profile "Half-Bridge" (Standard Speed IGBT), 300 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GA300TD60S Datasheet(HTML) 2 Page - Vishay Siliconix

  GA300TD60S Datasheet HTML 1Page - Vishay Siliconix GA300TD60S Datasheet HTML 2Page - Vishay Siliconix GA300TD60S Datasheet HTML 3Page - Vishay Siliconix GA300TD60S Datasheet HTML 4Page - Vishay Siliconix GA300TD60S Datasheet HTML 5Page - Vishay Siliconix GA300TD60S Datasheet HTML 6Page - Vishay Siliconix GA300TD60S Datasheet HTML 7Page - Vishay Siliconix GA300TD60S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93362
2
Revision: 31-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GA300TD60S
Vishay Semiconductors Dual INT-A-PAK Low Profile "Half-Bridge"
(Standard Speed IGBT), 300 A
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Collector to emitter breakdown voltage
VBR(CES)
VGE = 0 V, IC = 500 μA
600
-
-
V
Collector to emitter voltage
VCE(on)
VGE = 15 V, IC = 150 A
-
1.04
1.15
VGE = 15 V, IC = 300 A
-
1.24
1.45
VGE = 15 V, IC = 150 A, TJ = 125 °C
-
0.96
1.06
VGE = 15 V, IC = 300 A, TJ = 125 °C
-
1.22
1.42
Gate threshold voltage
VGE(th)
VCE = VGE, IC = 250 μA
2.9
4.8
6.3
Collector to emitter leakage current
ICES
VGE = 0 V, VCE = 600 V
-
0.02
0.75
mA
VGE = 0 V, VCE = 600 V, TJ = 125 °C
-
1.5
10
Diode forward voltage drop
VFM
IFM = 150 A
-
1.23
1.39
V
IFM = 300 A
-
1.48
1.75
IFM = 150 A, TJ = 125 °C
-
1.17
1.33
IFM = 300 A, TJ = 125 °C
-
1.50
1.77
Gate to emitter leakage current
IGES
VGE = ± 20 V
-
-
± 200
nA
SWITCHING CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Turn-on switching loss
Eon
IC = 300 A, VCC = 360 V, VGE = 15 V,
Rg = 1.5 , L = 500 μH, TJ = 25 °C
-9-
mJ
Turn-off switching loss
Eoff
-90-
Total switching loss
Etot
-99-
Turn-on switching loss
Eon
IC = 300 A, VCC = 360 V, VGE = 15 V,
Rg = 1.5 , L = 500 μH, TJ = 125 °C
-23-
Turn-off switching loss
Eoff
-
133
-
Total switching loss
Etot
-
156
-
Turn-on delay time
td(on)
-
442
-
ns
Rise time
tr
-
301
-
Turn-off delay time
td(off)
-
406
-
Fall time
tf
-
1570
-
Reverse bias safe operating area
RBSOA
TJ = 150 °C, IC = 800 A, VCC = 400 V
VP = 600 V, Rg = 22 VGE = 15 V to 0 V,
L = 500 μH
Fullsquare
Diode reverse recovery time
trr
IF = 300 A, dIF/dt = 500 A/μs,
VCC = 400 V, TJ = 25 °C
-
150
179
ns
Diode peak reverse current
Irr
-43
59
A
Diode recovery charge
Qrr
-3.9
6.3
μC
Diode reverse recovery time
trr
IF = 300 A, dIF/dt = 500 A/μs,
VCC = 400 V, TJ = 125 °C
-
236
265
ns
Diode peak reverse current
Irr
-64
80
A
Diode recovery charge
Qrr
-
8.6
11.1
μC


Similar Part No. - GA300TD60S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GA300TD60U IRF-GA300TD60U Datasheet
242Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com