Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB05XP120KTPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GB05XP120KTPBF
Description  Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED Diodes, 5 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GB05XP120KTPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  GB05XP120KTPBF Datasheet HTML 1Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 2Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 3Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 4Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 5Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 6Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 7Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 8Page - Vishay Siliconix GB05XP120KTPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 93912
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 03-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Three Phase Inverter Module in MTP Package
1200 V NPT IGBT and HEXFRED® Diodes, 5 A
GB05XP120KTPbF
Vishay Semiconductors
FEATURES
• Generation 5 NPT 1200 V IGBT technology
•HEXFRED®
diode
with
ultrasoft
reverse
recovery
• Very low conduction and switching losses
• Optional SMT thermistor (NTC)
• Aluminum oxide DBC
• Very low stray inductance design for high speed operation
• Short circuit 10 μs
• Square RBSOA
• Operating frequencies 8 kHz to 60 kHz
• UL approved file E78996
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
BENEFITS
• Optimized for inverter motor drive applications
• Low EMI, requires less snubbing
• Direct mounting to heatsink
• PCB solderable terminals
• Very low junction to case thermal resistance
PRODUCT SUMMARY
VCES
1200 V
VCE(on) typical at VGE = 15 V
2.90 V
IC at TC = 100 °C
5 A
tsc at TJ = 150 °C
> 10 μs
MTP
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Collector to emitter voltage
VCES
1200
V
Continuous collector current
IC
TC = 25 °C
12
A
TC = 100 °C
5
Pulsed collector current
ICM
24
Peak switching current
ILM
24
Diode continuous forward current
IF
TC = 100 °C
5
Peak diode forward current
IFM
12
Gate to emitter voltage
VGE
± 20
V
RMS isolation voltage
VISOL
Any terminal to case, t = 1 min
2500
Maximum power dissipation
(including diode and IGBT)
PD
TC = 25 °C
76
W
TC = 100 °C
31


Similar Part No. - GB05XP120KTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GB05XP120KTPBF VISHAY-GB05XP120KTPBF Datasheet
175Kb / 10P
   Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED짰 Diodes, 5 A
02-Oct-12
GB05XP120KTPBF VISHAY-GB05XP120KTPBF_V01 Datasheet
175Kb / 10P
   Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED짰 Diodes, 5 A
02-Oct-12
More results

Similar Description - GB05XP120KTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GB15XP120KTPBF VISHAY-GB15XP120KTPBF Datasheet
172Kb / 10P
   Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED Diodes, 15 A
Revision: 03-Aug-10
GB05XP120KTPBF VISHAY-GB05XP120KTPBF_V01 Datasheet
175Kb / 10P
   Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED짰 Diodes, 5 A
02-Oct-12
GB15XP120KTPBF VISHAY-GB15XP120KTPBF_V01 Datasheet
171Kb / 10P
   Three Phase Inverter Module in MTP Package 1200 V NPT IGBT and HEXFRED짰 Diodes, 15 A
02-Oct-12
logo
Microsemi Corporation
APTGF30TL601G MICROSEMI-APTGF30TL601G Datasheet
273Kb / 9P
   Three level inverter NPT IGBT Power Module
APTGF30TL60T3G MICROSEMI-APTGF30TL60T3G Datasheet
243Kb / 8P
   Three level inverter NPT IGBT Power Module
APTGF50TL60T3G MICROSEMI-APTGF50TL60T3G Datasheet
244Kb / 8P
   Three level inverter NPT IGBT Power Module
logo
Powerex Power Semicondu...
PM200CLA120 POWEREX-PM200CLA120 Datasheet
302Kb / 6P
   Three Phase IGBT Inverter 200 Amperes/1200 Volts
PM25CLB120 POWEREX-PM25CLB120 Datasheet
116Kb / 3P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM25CL1A120 POWEREX-PM25CL1A120 Datasheet
693Kb / 5P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com