Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX93 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDX93
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDX93 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDX93 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX93 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDX91/93/95
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX91
45
BDX93
60
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDX95
IC= 30mA ;IB=0
B
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
B
0.8
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
B
1.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
2.0
V
VBE(on)
Base-Emitter On Voltage
IC= 3A; VCE= 2V
1.4
V
BDX91
VCB= 60V; IE= 0
VCB= 30V; IE= 0; TC= 150℃
0.1
2.0
BDX93
VCB= 80V; IE= 0
VCB= 40V; IE= 0; TC= 150℃
0.1
2.0
ICBO
Collector
Cutoff Current
BDX95
VCB= 100V; IE= 0
VCB= 50V; IE= 0; TC= 150℃
0.1
2.0
mA
BDX91
VCE= 60V;IB= 0
BDX93
VCE= 80V;IB= 0
ICEO
Collector
Cutoff Current
BDX95
VCE= 100V;IB= 0
0.2
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
0.1
mA
hFE-1
DC Current Gain
IC= 3A; VCE= 2V
20
hFE-2
DC Current Gain
IC= 5A; VCE= 2V
10
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 10V
4
MHz
Switching times
ton
Turn-on Time
1.0
μs
toff
Turn-off Time
IC= 3A; IB1= -IB2= 0.3A
2.0
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - BDX93

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX93 SEME-LAB-BDX93 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
New Jersey Semi-Conduct...
BDX93 NJSEMI-BDX93 Datasheet
132Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BDX93

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com