Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3011 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS3011
Description  Rail-to-rail high-speed comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3011 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS3011 Datasheet HTML 4Page - STMicroelectronics TS3011 Datasheet HTML 5Page - STMicroelectronics TS3011 Datasheet HTML 6Page - STMicroelectronics TS3011 Datasheet HTML 7Page - STMicroelectronics TS3011 Datasheet HTML 8Page - STMicroelectronics TS3011 Datasheet HTML 9Page - STMicroelectronics TS3011 Datasheet HTML 10Page - STMicroelectronics TS3011 Datasheet HTML 11Page - STMicroelectronics TS3011 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical characteristics
TS3011
8/14
Doc ID 022078 Rev 1
Figure 13. Propagation delay vs. power supply
voltage with positive transition
Figure 14. Propagation delay vs. overdrive with
negative transition, VCC = 2.7 V
Figure 15. Propagation delay vs. overdrive with
positive transition, VCC = 2.7 V
Figure 16. Propagation delay vs. overdrive with
negative transition, VCC = 5 V
Figure 17. Propagation delay vs. overdrive with
positive transition, VCC = 5 V
Figure 18. Propagation delay vs. temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6
7
8
9
10
11
12
T= -40°C
T= 25°C
T= 125°C
V
CC
(V)
V
ICM
= 0V
V
OV
= 50mV
0
10
2030
4050
6
7
8
9
10
11
12
13
14
15
16
17
18
T= -40°C
T= 25°C
T= 125°C
V
OV
(mV)
V
CC
= 2,7V
V
ICM
= 0V
0
10
2030
4050
6
7
8
9
10
11
12
13
14
15
16
17
18
T= -40°C
T= 25°C
T= 125°C
V
OV
(mV)
V
CC
= 2,7V
V
ICM
= 0V
0
10
2030
4050
6
7
8
9
10
11
12
13
14
15
16
17
18
T= -40°C
T= 25°C
T= 125°C
V
OV
(mV)
V
CC
= 5V
V
ICM
= 0V
0
10
2030
4050
6
7
8
9
10
11
12
13
14
15
16
17
18
T= -40°C
T= 25°C
T= 125°C
V
OV
(mV)
V
CC
= 5V
V
ICM
= 0V
-40
-20
0
20406080
100
120
6
7
8
9
10
11
T
PLH
T
PHL
Temperature
(
o
C
)
V
CC
= 5V
V
ICM
= 0V
V
OV
= 50mV


Similar Part No. - TS3011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M000 SEMTECH-TS30111-M000 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M015 SEMTECH-TS30111-M015 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M018 SEMTECH-TS30111-M018 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
More results

Similar Description - TS3011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com