Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCP1208 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # PCP1208
Description  LED Back Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

PCP1208 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  PCP1208 Datasheet HTML 1Page - Sanyo Semicon Device PCP1208 Datasheet HTML 2Page - Sanyo Semicon Device PCP1208 Datasheet HTML 3Page - Sanyo Semicon Device PCP1208 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PCP1208
No. A1836-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=100V, IE=0A
1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=100mA
200
560
Gain-Bandwidth Product
fT
VCE=10V, IC=100mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
9
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=0.35A, IB=35mA
115
200
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=0.35A, IB=35mA
0.82
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
220
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
8
V
Turn-On Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
See specified Test Circuit.
2
μs
Fall Time
tf
See specified Test Circuit.
70
ns
Switching Time Test Circuit
RB
VCC=100V
IC=10IB1= --10IB2=0.3A
+
50Ω
INPUT
OUTPUT
RL
820μF
PW=50μs
IB1
D.C.1%
IB2
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
IT15952
0
1.0
0.2
0.1
0.4
0.3
0.6
0.5
0.8
0.9
0.7
0
0.1
0.7
0.6
0.5
0.4
0.3
0.2
0.8
0.9
1.0
IB=0mA
2mA
4mA
6mA
8mA
10mA
20mA
30mA
40mA
50mA
60mA
80mA
IT15953
010
1
4
56789
3
2
0
0.02
0.14
0.12
0.10
0.08
0.06
0.04
0.16
0.18
0.20
IB=0μA
200
μA
100
μA
300μA
400μA
500μA
100mA
600
μA
1mA
700
μA
IT15955
2
10
100
1.0
3
5
7
2
3
5
7
1000
2
3
5
7
0.01
3
25
0.1
1.0
73
25
7
Ta=75
°C
25
°C
VCE=5V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
IT15954
0.4
0.3
0.1
0.2
0.9
0.8
0.7
0.6
0.5
1.0
VCE=5V
--25
°C


Similar Part No. - PCP1208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
PCP1208-TD-H ONSEMI-PCP1208-TD-H Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
More results

Similar Description - PCP1208

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
   Multi-string LED Back-light Controller
logo
LIGITEK electronics co....
L-02402G-B6.4 LIGITEK-L-02402G-B6.4 Datasheet
60Kb / 1P
   BACK LIGHT
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
   BACK LIGHT
logo
Hantronix,Inc
HDM32GS12L-4 HANTRONIX-HDM32GS12L-4 Datasheet
31Kb / 1P
   128 X 32 Dots Graphic, LED Back Light
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
Microsemi Corporation
LX23108A MICROSEMI-LX23108A Datasheet
79Kb / 2P
   8 Ports LED Back Light High Voltage Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com