Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD2004LN Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # RD2004LN
Description  Ultrahigh-Speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

RD2004LN Datasheet(HTML) 1 Page - Sanyo Semicon Device

  RD2004LN Datasheet HTML 1Page - Sanyo Semicon Device RD2004LN Datasheet HTML 2Page - Sanyo Semicon Device RD2004LN Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RD2004LN
No. A1270-1/3
Features
High breakdown voltage (VRRM=400V).
High reliability.
One-point fixing type plastic molded package facilitating easy mounting and heat dissipation.
Fast reverse recovery time.
Low noise at the time of reverse recovery.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
400
V
Average Output Current
IO
20
A
Surge Forward Current
IFSM
Sine wave, 10ms single pulse
180
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=1mA
400
V
Forward Voltage
VF
IF=20A
1.3
1.5
V
Reverse Current
IR
VR=400V
100
μA
Reverse Recovery Time
trr1IF=10A, di / dt=100A/μs
44
50
ns
trr2IF=0.5A, IR=1A
20
ns
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
4.0
°C / W
SANYO Semiconductors
DATA SHEET
Ordering number : ENA1270A
N1809 TK IM TC-00002181 / 73008SA TI IM TC-00001521
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
www.semiconductor-sanyo.com/network
RD2004LN
Diffused Junction Silicon Diode
Ultrahigh-Speed Switching Diode


Similar Part No. - RD2004LN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
RD2004LN SANYO-RD2004LN Datasheet
45Kb / 3P
   Diffused Junction Silicon Diode Ultrahigh-Speed Switching Diode
More results

Similar Description - RD2004LN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
RD2003JS-SB SANYO-RD2003JS-SB Datasheet
197Kb / 3P
   Ultrahigh-Speed Switching Diode
RD2006FR SANYO-RD2006FR Datasheet
240Kb / 3P
   Ultrahigh-Speed Switching Diode
DCC010 SANYO-DCC010 Datasheet
54Kb / 2P
   Ultrahigh-Speed Switching Diode
DCG010 SANYO-DCG010 Datasheet
50Kb / 2P
   Ultrahigh-Speed Switching Diode
DWA010 SANYO-DWA010 Datasheet
68Kb / 2P
   Ultrahigh-Speed Switching Diode
DWC010 SANYO-DWC010 Datasheet
56Kb / 2P
   Ultrahigh-Speed Switching Diode
RD2006RH-SB SANYO-RD2006RH-SB Datasheet
254Kb / 3P
   Ultrahigh-Speed Switching Diode
DCC010_9806 SANYO-DCC010_9806 Datasheet
69Kb / 2P
   Ultrahigh-Speed Switching Diode
DCF010 SANYO-DCF010 Datasheet
49Kb / 2P
   Ultrahigh-Speed Switching Diode
RD2004JS-SB SANYO-RD2004JS-SB Datasheet
195Kb / 3P
   Ultrahigh-Speed Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com