Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDY46 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDY46
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDY46 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDY46 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDY46 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDY46
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 300V(Min.)
·DC Current Gain-
: hFE=20(Min.)@IC = 2A
·Collector-Emitter Saturation Voltage-
: VCE(sat)= 1.5V(Max)@ IC = 15A
·High Switching Speed
APPLICATIONS
·Voltage regulator
·Inverter
·Switching mode power supply
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
600
V
VCES
Collector-Emitter Voltage
600
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
17
A
IB
B
Base Current
5
A
PC
Collector Power Dissipation@TC≤45℃
95
W
TJ
Junction Temperature
175
Tstg
Storage Temperature
-65~175
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.37
℃/W
isc Website:www.iscsemi.cn
1


Similar Part No. - BDY46

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BDY46 NJSEMI-BDY46 Datasheet
76Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BDY46

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com