Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDY47 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDY47
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDY47 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDY47 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDY47 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDY47
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 200mA; IB= 0
350
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
750
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 2mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 15A; IB= 5A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 15A; IB= 5A
2.0
V
ICBO
Collector Cutoff Current
VCB= 750V; IE= 0
VCB= 750V; IE= 0, TC=150℃
0.2
2.5
mA
hFE-1
DC Current Gain
IC= 2A; VCE= 2V
20
hFE-2
DC Current Gain
IC= 10A; VCE= 2V
5
fT
Current Gain-Bandwidth Product
IC= 0.5A; VCE= 10V
10
MHz
Switching times
ton
Turn-on Time
0.5
μs
tf
Fall Time
1.0
μs
toff
Turn-off Time
IC= 5A; IB1= -IB2= 1A
3.5
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - BDY47

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDY47 SEME-LAB-BDY47 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
New Jersey Semi-Conduct...
BDY47 NJSEMI-BDY47 Datasheet
76Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BDY47

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com