Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB01-15C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB01-15C
Description  150V, 100mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB01-15C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB01-15C Datasheet HTML 1Page - Sanyo Semicon Device SB01-15C Datasheet HTML 2Page - Sanyo Semicon Device SB01-15C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB01-15C
No. A0407-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low forward voltage (VF max=0.75V).
Fast reverse recorvery time (trr max=10ns).
Low switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
150
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
155
V
Average Output Current
IO
100
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=200µA
150
V
Forward Voltage
VF
IF=100mA
0.75
V
Reverse Current
IR
VR=75V
50
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
7
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Rthj-a(1)
420
°C / W
Thermal Resistance
Rthj-a(2)
Mounted in Cu-foiled area of 16mm2!0.2mm
330
°C / W
on glass epoxy board
Marking : F
Ordering number : ENA0407
71206 / 42506SB MS IM TB-00000475
SB01-15C
Schottky Barrier Diode
150V, 100mA Rectifier
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - SB01-15C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB01-15C ONSEMI-SB01-15C Datasheet
312Kb / 6P
   Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
September, 2013
SB01-15C-TB-E ONSEMI-SB01-15C-TB-E Datasheet
312Kb / 6P
   Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
September, 2013
logo
Sanyo Semicon Device
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
   150V, 100mA Rectifier
More results

Similar Description - SB01-15C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
   150V, 100mA Rectifier
SB01-15NP SANYO-SB01-15NP Datasheet
56Kb / 2P
   150V, 100mA Rectifier
logo
Linear Technology
LTC3639EMSE LINER-LTC3639EMSE Datasheet
179Kb / 6P
   High Efficiency 150V, 100mA Synchronous Buck Converter
LTC3639 LINER-LTC3639_15 Datasheet
292Kb / 26P
   High Efficiency, 150V 100mA Synchronous Step-Down Regulator
logo
Sanyo Semicon Device
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
   150V, 20mA Rectifier
SB02-15 SANYO-SB02-15 Datasheet
57Kb / 2P
   150V, 200mA Rectifier
SB01-05C SANYO-SB01-05C Datasheet
70Kb / 3P
   50V, 100mA Rectifier
SB01-05SPA SANYO-SB01-05SPA Datasheet
60Kb / 2P
   50V, 100mA Rectifier
FC806 SANYO-FC806 Datasheet
50Kb / 2P
   50V, 100mA Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com