Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GBPC12
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBPC12 Datasheet(HTML) 1 Page - Vishay Siliconix

  GBPC12_11 Datasheet HTML 1Page - Vishay Siliconix GBPC12_11 Datasheet HTML 2Page - Vishay Siliconix GBPC12_11 Datasheet HTML 3Page - Vishay Siliconix GBPC12_11 Datasheet HTML 4Page - Vishay Siliconix GBPC12_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 88612
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 28-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Single-Phase Bridge Rectifier
GBPC12, GBPC15, GBPC25, GBPC35
Vishay General Semiconductor
FEATURES
• UL recognition file number E54214
• Universal
3-way
terminals:
snap-on,
wire
wrap-around, or PCB mounting
• Typical IR less than 0.3 μA
• High surge current capability
• Low thermal resistance
• Solder dip 260 °C, 40 s
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, home appliances, office equipment,
industrial automation applications.
MECHANICAL DATA
Case: GBPC, GBPC-W
Epoxy meets UL 94 V-0 flammability rating
Terminals: Nickel plated on faston lugs or silver plated on
wire leads, solderable per J-STD-002 and JESD22-B102.
E4 suffix for consumer grade. Suffix letter “W” added to
indicate wire leads (e.g. GBPC12005W).
Polarity: As marked, positive lead by belevled corner
Mounting Torque: 20 inches-lbs. max.
PRIMARY CHARACTERISTICS
IF(AV)
12 A, 15 A, 25 A, 35 A
VRRM
50 V to 1000 V
IFSM
200 A, 300 A, 300 A, 400 A
IR
5 μA
VF
1.1 V
TJ max.
150 °C
~
~
~
~
~
~
GBPC
GBPC-W
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GBPC12, 15, 25, 35
UNIT
005
01
02
04
06
08
10
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified
output current (Fig. 1)
GBPC12
IF (AV)
12
A
GBPC15
15
GBPC25
25
GBPC35
35
Peak forward surge current single
sine-wave superimposed on rated load
GBPC12
IFSM
200
A
GBPC15
300
GBPC25
300
GBPC35
400
Rating (non-repetitive, for t greater than
1 ms and less than 8.3 ms) for fusing
GBPC12
I2t
160
A2s
GBPC15
375
GBPC25
375
GBPC35
660
RMS isolation voltage from case to leads
VISO
2500
V
Operating junction storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - GBPC12_11

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBPC1201 GE-GBPC1201 Datasheet
70Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBPC1201 PANJIT-GBPC1201 Datasheet
41Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
ON Semiconductor
GBPC1201 ONSEMI-GBPC1201 Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
Pan Jit International I...
GBPC1201W PANJIT-GBPC1201W Datasheet
43Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
ON Semiconductor
GBPC1201W ONSEMI-GBPC1201W Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
More results

Similar Description - GBPC12_11

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com