Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU522 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU522
Description  isc Silicon Darlington NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU522 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU522 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU522 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon Darlington NPN Power Transistor
BU522
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCER(SUS)
Collector-Emitter Sustaining Voltage
IC= 1.0A; RBE= 270Ω
350
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 80mA
B
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 80mA
B
2.5
V
ICER
Collector Cutoff Current
VCR= 350V; RBE= 270Ω
1.0
mA
ICBO
Collector Cutoff Current
VCB= 400V; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
40
mA
hFE
DC Current Gain
IC= 2.5A; VCE= 5V
250
fT
Current-Gain—Bandwidth Product
IC= 0.3A; VCE= 5V
7.5
MHz
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 0.1MHz
150
pF
isc Website:www.iscsemi.cn


Similar Part No. - BU522

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BU522 NJSEMI-BU522 Datasheet
129Kb / 2P
   Silicon Darlington NPN Power Transistor
logo
Rohm
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ-ZE2 ROHM-BU52272NUZ-ZE2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ-ZE2 ROHM-BU52273NUZ-ZE2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results

Similar Description - BU522

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com