Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCH1430 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SCH1430
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH1430 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SCH1430 Datasheet HTML 1Page - Sanyo Semicon Device SCH1430 Datasheet HTML 2Page - Sanyo Semicon Device SCH1430 Datasheet HTML 3Page - Sanyo Semicon Device SCH1430 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCH1430
No. A1949-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
Total Gate Charge, Qg -- nC
VGS -- Qg
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
A S O
Drain-to-Source Voltage, VDS -- V
0
0.4
0.2
0.6
1.2
1.0
0.8
0.001
0.01
7
5
3
2
2
0.1
10
7
1.0
7
5
3
2
5
3
7
2
5
3
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
50
150
100
350
300
400
250
200
VGS
=1.8V
, ID=0.3A
VGS=4.5V
, ID=1.0A
VGS
=2.5V
, ID=0.5A
IT16374
Ta=25
°C
IT16375
IT16376
IT16377
Ta=
--25
°C
75°
C
25
°C
VDS=10V
VGS=0V
10
1.0
1000
7
5
3
2
100
7
5
3
2
7
5
3
2
0.01
0.1
2
1.0
35 7
IT16378
VDD=10V
VGS=4.5V
td(off)
tr
tf
10
23
5 7
23
5 7
td(on)
ID=0.3A
1A
01
56
4
3
28
10
79
0
100
50
200
150
300
250
350
400
0.1
2
2
1.0
10
7
5
7
5
3
3
0.1
2
0.01
57
23
1.0
2
57
10
57
33
0.5A
020
4
8
12
16
610
14
18
2
IT16379
10
7
100
1000
5
3
2
7
5
3
2
Crss
Coss
Ciss
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT16380
VDS=10V
ID=2A
IT16381
2
3
5
7
2
3
5
7
0.1
10
2
3
5
7
1.0
0.01
2
23
5 7 1.0
2
35 7
5 7
10
100
0.1
Operation in this
area is limited by RDS(on).
100ms
100
μs
10ms
DC
operation
1ms
3
IDP=8A (PW≤10μs)
ID=2A
f=1MHz
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)


Similar Part No. - SCH1430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCH1430 ONSEMI-SCH1430 Datasheet
533Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
SCH1430-TL-H ONSEMI-SCH1430-TL-H Datasheet
533Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
SCH1430-TL-W ONSEMI-SCH1430-TL-W Datasheet
533Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results

Similar Description - SCH1430

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com