Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI754 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GI754
Description  High Current Axial Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI754 Datasheet(HTML) 3 Page - Vishay Siliconix

  GI754 Datasheet HTML 1Page - Vishay Siliconix GI754 Datasheet HTML 2Page - Vishay Siliconix GI754 Datasheet HTML 3Page - Vishay Siliconix GI754 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88627
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 28-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
GI750 thru GI758
Vishay General Semiconductor
Fig. 5 - Typical Reverse Characteristics
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
1
10
100
0.01
0.1
20
0
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
10
100
0.1
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Mounted on
0.20" x 0.27" (5.0 mm x 7.0 mm)
Copper Pad Areas
0.052 (1.32)
0.048 (1.22)
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
P600


Similar Part No. - GI754

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI754 GE-GI754 Datasheet
38Kb / 2P
   HIGH CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
GI754 VISHAY-GI754 Datasheet
79Kb / 4P
   High Current Axial Plastic Rectifier
Revision: 01-Aug-13
GI754 VISHAY-GI754 Datasheet
83Kb / 5P
   High Current Axial Plastic Rectifier
Revision: 28-Oct-09
GI754 VISHAY-GI754 Datasheet
82Kb / 4P
   High Current Axial Plastic Rectifier
01-Jan-2022
More results

Similar Description - GI754

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI756-E354 VISHAY-GI756-E354 Datasheet
76Kb / 4P
   High Current Axial Plastic Rectifier
Revision: 28-Oct-09
GI750 VISHAY-GI750_15 Datasheet
83Kb / 5P
   High Current Axial Plastic Rectifier
Revision: 28-Oct-09
GI750 VISHAY-GI750_V01 Datasheet
82Kb / 4P
   High Current Axial Plastic Rectifier
01-Jan-2022
GI756-E373 VISHAY-GI756-E373 Datasheet
79Kb / 4P
   High Current Axial Plastic Rectifier
Revision: 01-Aug-13
logo
General Semiconductor
GI750 GE-GI750 Datasheet
38Kb / 2P
   HIGH CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com