Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS30 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SS30
Description  For Notebook PC Fan Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS30 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SS30 Datasheet HTML 1Page - Sanyo Semicon Device SS30 Datasheet HTML 2Page - Sanyo Semicon Device SS30 Datasheet HTML 3Page - Sanyo Semicon Device SS30 Datasheet HTML 4Page - Sanyo Semicon Device SS30 Datasheet HTML 5Page - Sanyo Semicon Device SS30 Datasheet HTML 6Page - Sanyo Semicon Device SS30 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SS30
No.A1878-4/7
Block Diagram
Pin Functions
Pin No.
Pin name
Function
Equivalent circuit
1
VM
Power supply for the IC and motor. It is
short-circuited and uses it with power supply small
signal pin VCC (pin 2). A capacitor must be
connected between this pin and ground.
20
18
17
UO
VO
WO
Output pins.
Connect the motor coil.
16
RF
Output current detection.
The drive current is detected by connecting a
resistor between this pin and ground.
1
16
17
18
20
2
VCC
Power supply for the IC and motor. A capacitor must
be connected between this pin and ground.
3
COM
Motor middle point connection.
4
COMIN
Motor position detection comparator filter pin.
It is short-circuited and uses it with motor power
supply pin VM (pin 1). A capacitor must be
connected between this pin and the FIL pin (pin 5).
5
FIL
Motor position detection comparator filter pin.
A capacitor must be connected between this pin and
the COMIN pin (pin 4).
WO
VO
VG
UO
3
4
5
Continued on next page.
WO
VO
UO
RF
COM
COMIN
FIL
OSC
VG
CP
CPC
SUBGND
FG
PWM
FR
LOCK PROTECT
LOGIC
CURRENT
LIMITTER
PRE DRIVE
MOSC
1/N
TSD
SELECTOR
OSC
CHARGE
PUMP
VREF
VG
SENSORLESS
LOGIC
VM
RD
1/2FG


Similar Part No. - SS30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS30 RECTRON-SS30 Datasheet
282Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
SHENZHEN YONGERJIA INDU...
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
ON Semiconductor
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
TOKYO SEIMITSU CO., LTD
SS30 ACCRETECH-SS30 Datasheet
581Kb / 2P
   New standard for semi-automatic dicers with enhanced operability
logo
Sanyo Semicon Device
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
More results

Similar Description - SS30

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V Datasheet
102Kb / 8P
   Bi-CMOS IC For Notebook PC Fan Motor Driver
logo
ON Semiconductor
LV8805V-TLM-H ONSEMI-LV8805V-TLM-H Datasheet
170Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_11 Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com