Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-050-E Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK672-050-E
Description  Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050-E Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK672-050-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STK672-050-E
No.5228-5/19
Test Circuit Diagrams
Vsat
Vdf
IIH, IIL
Ioave, ICC, fc
When measuring Ioave: With SW1 set to ‘a’, Vref = 0.6V
When measuring fc: With SW1 set to ‘b’, Vref = 0V
When measuring ICC: Set ENABLE low
14
9
10
8
16
22
1
3
4
2
5
6
A
A
B
B
7
+
VCC2
VCC2
STK672-050-E
Start
Vref=2.5V
V
VCC1
ITF02391
22
1
2
5
6
A
A
B
B
7
STK672-050-E
V
A
ITF02392
3
4
9
22
7
VCC2
M1
STK672-050-E
ITF02393
10
M2
11
M3
12
M4
13
M5
14
14
CLK
15
CWB
16
RESET
17
RETURN
18
ENABLE
8
Vref
IIL
IIH
A
+
14
9
10
8
16
22
1
5
2
6
A
a
b a
b
A
B
SW2
SW1
B
7
18
VCC2
VCC2
Vref=1V
0V
5V
0V
Low when
measuring ICC
VCC1
VCC1
STK672-050-E
ITF02394
A
A
Start


Similar Part No. - STK672-050-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-050 SANYO-STK672-050 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
logo
ON Semiconductor
STK672-050GEVB ONSEMI-STK672-050GEVB Datasheet
204Kb / 19P
   Thick-Film Hybrid IC
June, 2013
More results

Similar Description - STK672-050-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 2.8A
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com