Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-430A-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK672-430A-E
Description  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-430A-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-430A-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-430A-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STK672-430A-E
No.A1127-7/21
• Motor current peak value IOH setting
[Smoke Emission Precuations]
If Pin 18 (S.G terminal) is attached to the PCB without using solder, overcurrent may flow into the MOSFET at
VCCON (24V ON), causing the STK672-430A-E to emit smoke because 5V circuits cannot be controlled.
In addition, as long as one of the output Pins, 1, 3, 4, or 5, is open, inductance energy stored in the motor results in
electrical stress on the driver, possibly resulting in the emission of smoke.
Function Table
M2
0
0
1
1
M1
M3
0
1
0
1
CLOCK Edge Timing for
Phase Switching
1
2-phase excitation
selection
1-2-phase excitation
(IOH=100%)
W1-2 phase
excitation
2W1-2 phase
excitation
CLOCK rising edge
0
1-2 phase excitation
(IOH=100%, 71%)
W1-2 phase
excitation
2W1-2 phase
excitation
4W1-2 phase
excitation
CLOCK both edges
IOH=100% results in the Vref voltage setting, IOH.
During 1-2 phase excitation, the hybrid IC operates at a current setting of IOH=100% when the CLOCK signal rises.
Conversely, pseudo micro current control is performed to control current at IOH=100% or 71% at both edges of the
CLOCK signal.
CWB pin
Forward/CW
0
Reverse/CCW
1
ENABLE
• RESETB pin
ENABLE
Motor current cut: Low
RESETB
Active Low
IOH
0


Similar Part No. - STK672-430A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-430A-E SANYO-STK672-430A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-430A-E ONSEMI-STK672-430A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-430A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com