Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLI1250-50A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GLI1250-50A
Description  Capacitors for Power Electronics (PEC) - Cylindrical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GLI1250-50A Datasheet(HTML) 2 Page - Vishay Siliconix

  GLI1250-50A Datasheet HTML 1Page - Vishay Siliconix GLI1250-50A Datasheet HTML 2Page - Vishay Siliconix GLI1250-50A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 13048
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 15-Feb-11
13
GLI......A
Capacitors for Power Electronics
(PEC) - Cylindrical
Vishay ESTA
Note
• Other voltage, current and capacitance values are available on request
TYPE DESCRIPTION
TYPE
GLI...-... A
CN
[μF]
VOLTAGE
VDC
RS
[m
]
Rth
[K/W]
IMAX.
[A]
IP
[kA]
Î
[kA]
HEIGHT
[mm]
D
[mm]
WEIGHT
[kg]
PACKAGING
UNIT
DRAWING
NO.
GLI 700, UNDC = 700 V, UN = 495 V
700-35
35
700
0.5
8.0
60.0
0.98
2.94
44
87
0.4
12
1
700-230
230
700
0.8
6.4
50.0
1.33
4.01
74
87
0.5
12
1
GLI 900, UNDC = 900 V, UN = 635 V
900-25
25
900
0.3
7.7
80.0
0.82
2.46
44
87
0.3
12
1
900-100
100
900
0.7
7.1
50.0
1.00
3.00
64
87
0.4
12
1
900-150
150
900
0.9
6.3
52.0
1.09
3.27
74
87
0.4
12
1
GLI 1100, UNDC = 1100 V, UN = 775 V
1100-15
15
1100
0.4
7.7
75.0
0.63
1.89
44
87
0.3
12
1
1100-75
75
1100
0.7
7.3
55.0
0.90
2.70
64
87
0.4
12
1
1100-100
100
1100
1.0
6.5
45.0
0.87
2.62
74
87
0.4
12
1
GLI 1250, UNDC = 1250 V, UN = 1250 V
1250-50
50
1250
0.9
6.9
50.0
0.70
2.10
64
87
0.4
12
1
1250-75
75
1250
1.1
6.5
45.0
0.76
2.28
74
87
0.5
12
1
GLI 1450, UNDC = 1450 V, UN = 1025 V
1450-11
11
1450
0.7
6.5
50.0
0.33
1.10
74
87
0.5
12
1
1450-60
60
1450
1.2
6.3
45.0
0.70
2.10
74
87
0.3
12
1
GLI 1800, UNDC = 1800 V, UN = 1270 V
1800-25
25
1800
1.2
7.1
42.0
0.50
1.50
64
87
0.4
12
1
1800-35
35
1800
1.7
6.4
38.0
0.50
1.52
74
87
0.4
12
1
GLI 2150, UNDC = 2150 V, UN = 1520 V
2150-7,5
75
2150
3.0
11.8
20.0
0.18
0.54
64
87
0.4
12
1
2150-25
25
2150
2.1
6.0
32.0
0.43
1.30
74
87
0.4
12
1


Similar Part No. - GLI1250-50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GLI1250-50 VISHAY-GLI1250-50 Datasheet
275Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
More results

Similar Description - GLI1250-50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCMKP880-200 VISHAY-DCMKP880-200 Datasheet
218Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
GLI VISHAY-GLI_11 Datasheet
275Kb / 3P
   Capacitors for Power Electronics (PEC) - Cylindrical
Revision: 15-Feb-11
DCMKP0.9-625UF VISHAY-DCMKP0.9-625UF Datasheet
102Kb / 3P
   Capacitors for Power Electronics (PEC) - Rectangular
Revision: 26-Aug-11
DCMKP VISHAY-DCMKP Datasheet
98Kb / 4P
   Power Electronic Capacitors (PEC)
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com