Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-A954 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q62702-A954
Description  Silicon PIN Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A954 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q62702-A954 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A954 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA 596
Silicon PIN Diode
BA 596
Preliminary Data
q
Current-controlled RF resistor for
switching and attenuating applications.
q
Frequency range above 1 MHz
q
Designed for low IM distortion
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BA 596
Q62702-A954
white P
SOD-323
Parameter
Symbol
Values
Unit
Reverse voltage
VR
50
V
Forward current
IF
50
mA
Operating temperature range
Top
– 55 … + 125
˚C
Storage temperature range
Tstg
– 55 … + 150
Thermal Resistance
Junction - ambient
Rth JA
450
K/W
1)
For detailed information see chapter Package Outlines.


Similar Part No. - Q62702-A954

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A95 SIEMENS-Q62702-A95 Datasheet
105Kb / 4P
   Silicon Switching Diodes (High-speed, high-voltage switch)
Q62702-A950 SIEMENS-Q62702-A950 Datasheet
28Kb / 2P
   Silicon RF Switching Diode
Q62702-A952 SIEMENS-Q62702-A952 Datasheet
33Kb / 2P
   Silicon PIN Diode
More results

Similar Description - Q62702-A954

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com