Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVQ04SD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC74LVQ04SD
Description  LOW-VOLTAGE CMOS HEX INVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LVQ04SD Datasheet(HTML) 2 Page - Motorola, Inc

  MC74LVQ04SD Datasheet HTML 1Page - Motorola, Inc MC74LVQ04SD Datasheet HTML 2Page - Motorola, Inc MC74LVQ04SD Datasheet HTML 3Page - Motorola, Inc MC74LVQ04SD Datasheet HTML 4Page - Motorola, Inc MC74LVQ04SD Datasheet HTML 5Page - Motorola, Inc MC74LVQ04SD Datasheet HTML 6Page - Motorola, Inc MC74LVQ04SD Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74LVQ04
MOTOROLA
LVQ DATA
BR1478
2
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ VCC + 0.5V
V
VO
DC Output Voltage
–0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State
V
IIK
DC Input Diode Current
–20
VI = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IOK
DC Output Diode Current
–20
VO = –0.5V
mA
+20
VI = VCC + 0.5V
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current
±200
mA
IGND
DC Ground Current
±200
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
2.0
3.3
3.6
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Free–Air Temperature
–40
+85
°C
∆V/∆t
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V, VCC = 3.0V
0
125
mV/ns
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
2.0
V
VIL
LOW Level Input Voltage (Note 1)
2.7V
≤ VCC ≤ 3.6V,
VO = 0.1V or VCC – 0.1V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –50µA
VCC – 0.1
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –12mA
2.48
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 50µA
0.1
V
2.7V
≤ VCC ≤ 3.6V; IOL= 12mA
0.4
II
Input Leakage Current
2.7V
≤ VCC ≤3.6V; VI= VCC, GND
±1.0
µA
IOLD
Minimum Dynamic Output Current (Note 2)
VCC = 3.6V; VOLD = 0.8V Max
36
mA
IOHD
VCC = 3.6V; VOHD = 2.0V Min
–25
mA
ICC
Quiescent Supply Current
2.7V
≤ VCC ≤3.6V; VI = VCC, GND
10
µA
1. These values of VI are used to test DC electrical characteristics only. Functional test should use VIH ≥ 2.4V, VIL ≤ 0.5V.
2. Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed. Maximum test
duration is 2ms, one output loaded at a time.


Similar Part No. - MC74LVQ04SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00D MOTOROLA-MC74LVQ00D Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00DT MOTOROLA-MC74LVQ00DT Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00M MOTOROLA-MC74LVQ00M Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00SD MOTOROLA-MC74LVQ00SD Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
More results

Similar Description - MC74LVQ04SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC06A ONSEMI-74LVC06A_15 Datasheet
94Kb / 7P
   Low-Voltage CMOS Hex Inverter
December, 2015 ??Rev. 0
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com