Electronic Components Datasheet Search |
|
GPP20A Datasheet(PDF) 1 Page - Vishay Siliconix |
|
GPP20A Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Document Number: 88642 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 03-Nov-09 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 Glass Passivated Junction Rectifier GPP20A thru GPP20M Vishay General Semiconductor FEATURES • Glass passivated chip junction • Low forward voltage drop • Low leakage current, typical IR less than 0.1 μA • High forward surge capability • Meets environmental standard MIL-S-19500 • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC TYPICAL APPLICATIONS For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes application. MECHANICAL DATA Case: DO-204AC, molded epoxy over passivated chip Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test Polarity: Color band denotes cathode end PRIMARY CHARACTERISTICS IF(AV) 2.0 A VRRM 50 V to 1000 V IFSM 70 A IR 5.0 μA VF 1.1 V TJ max. 150 °C DO-204AC (DO-15) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL GPP20A GPP20B GPP20D GPP20G GPP20J GPP20K GPP20M UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current 0.375" (9.5 mm) lead length at TA = 55 °C IF(AV) 2.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 70 A Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Similar Part No. - GPP20A_09 |
|
Similar Description - GPP20A_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |