Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP60B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GPP60B
Description  Glass Passivated Junction Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP60B Datasheet(HTML) 2 Page - Vishay Siliconix

  GPP60B Datasheet HTML 1Page - Vishay Siliconix GPP60B Datasheet HTML 2Page - Vishay Siliconix GPP60B Datasheet HTML 3Page - Vishay Siliconix GPP60B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88886
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 18-Aug-09
GPP60A thru GPP60G
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length, P.C.B. mounted
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-repetitive Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GPP60A
GPP60B
GPP60D
GPP60G
UNIT
Maximum instantaneous forward voltage
6.0 A
VF
1.1
V
Maximum reverse current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
100
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
5.5
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
110
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GPP60A
GPP60B
GPP60D
GPP60G
UNIT
Typical thermal resistance
RθJA
(1)
20
°C/W
RθJL
(1)
4.0
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GPP60J-E3/54
2.0
54
800
13" diameter paper tape and reel
GPP60J-E3/73
2.0
73
300
Ammo pack packaging
GPP60JHE3/54 (1)
2.0
54
800
13" diameter paper tape and reel
GPP60JHE3/73 (1)
2.0
73
300
Ammo pack packaging
0
2
4
6
8
25
50
75
100
125
150
175
Ambient Temperature (°C)
0
50
100
150
200
250
300
350
400
450
500
550
1
10
100
Number of Cycles at 60 Hz


Similar Part No. - GPP60B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60B VISHAY-GPP60B Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
logo
CHENG-YI ELECTRONIC CO....
GPP60B CHENG-YI-GPP60B Datasheet
113Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
GPP60B TAYCHIPST-GPP60B Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
logo
Vishay Siliconix
GPP60B VISHAY-GPP60B Datasheet
83Kb / 4P
   Glass Passivated Junction Plastic Rectifier
08-Feb-17
More results

Similar Description - GPP60B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com