Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSOT36 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSOT36
Description  Single-Line ESD-Protection in SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT36 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSOT36 Datasheet HTML 1Page - Vishay Siliconix GSOT36 Datasheet HTML 2Page - Vishay Siliconix GSOT36 Datasheet HTML 3Page - Vishay Siliconix GSOT36 Datasheet HTML 4Page - Vishay Siliconix GSOT36 Datasheet HTML 5Page - Vishay Siliconix GSOT36 Datasheet HTML 6Page - Vishay Siliconix GSOT36 Datasheet HTML 7Page - Vishay Siliconix GSOT36 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ESDprotection@vishay.com
Document Number: 85807
2
Rev. 2.0, 22-Jul-10
GSOT03 to GSOT36
Vishay Semiconductors
Single-Line ESD-Protection in
SOT-23
PACKAGE DATA
DEVICE
NAME
PACKAGE
NAME
TYPE
CODE
ENVIRONMENTAL
STATUS
WEIGHT
MOLDING
COMPOUND
FLAMMABILITY
RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
GSOT03
SOT-23
03
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
03G
Green
8.1 mg
GSOT04
SOT-23
04
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
04G
Green
8.1 mg
GSOT05
SOT-23
05
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
05G
Green
8.1 mg
GSOT08
SOT-23
08
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
08G
Green
8.1 mg
GSOT12
SOT-23
12
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
12G
Green
8.1 mg
GSOT15
SOT-23
15
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
15G
Green
8.1 mg
GSOT24
SOT-23
24
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
24G
Green
8.1 mg
GSOT36
SOT-23
36
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according
J-STD-020)
260 °C/10 s at terminals
36G
Green
8.1 mg
ABSOLUTE MAXIMUM RATINGS GSOT03
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
30
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
369
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C
ABSOLUTE MAXIMUM RATINGS GSOT04
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
30
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
429
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
- 40 to + 125
°C
Storage temperature
TSTG
- 55 to + 150
°C


Similar Part No. - GSOT36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT36 VISHAY-GSOT36 Datasheet
102Kb / 4P
   ESD Protection Diode
Rev. 2, 02-Jun-03
GSOT36 VISHAY-GSOT36 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT36-HT3 VISHAY-GSOT36-HT3 Datasheet
99Kb / 5P
   ESD Protection Diode
Rev. 1.4, 29-Apr-05
GSOT36-HT3-GS08 VISHAY-GSOT36-HT3-GS08 Datasheet
99Kb / 5P
   ESD Protection Diode
Rev. 1.4, 29-Apr-05
GSOT36C VISHAY-GSOT36C Datasheet
103Kb / 4P
   ESD Protection Diode
Rev. 1, 02-Jun-03
More results

Similar Description - GSOT36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT03 VISHAY-GSOT03_V01 Datasheet
155Kb / 10P
   Single-Line ESD Protection in SOT-23
01-Jan-2022
GSOT05L-V VISHAY-GSOT05L-V Datasheet
108Kb / 5P
   Single-Line ESD-Protection Diode in SOT-23
Rev. 1.2, 01-Jul-10
GSOT05CL-V VISHAY-GSOT05CL-V Datasheet
122Kb / 6P
   Two-Line ESD-Protection in SOT-23
Rev. 1.2, 01-Jul-10
GSOT03C VISHAY-GSOT03C_10 Datasheet
185Kb / 12P
   Two-Line ESD-Protection in SOT-23
Rev. 2.0, 22-Jul-10
GSOT03C VISHAY-GSOT03C_V01 Datasheet
180Kb / 14P
   Two-Line ESD Protection in SOT-23
01-Jan-2022
VESD33A2-03S VISHAY-VESD33A2-03S Datasheet
118Kb / 6P
   Dual-Line ESD Protection Diode in SOT-23
Rev. 1.0, 16-Jan-2019
VESD33A2-03S VISHAY-VESD33A2-03S_V01 Datasheet
117Kb / 6P
   Dual-Line Unidirectional ESD Protection Diode in SOT-23
01-Jan-2022
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Vishay Siliconix
VCAN26A2-03G VISHAY-VCAN26A2-03G_V01 Datasheet
120Kb / 5P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
VCAN33A2-03S VISHAY-VCAN33A2-03S_V01 Datasheet
125Kb / 6P
   Bidirectional Symmetrical (BiSy) Low Capacitance, Dual-Line ESD Protection Diode in SOT-23
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com