Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA04SD60SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HFA04SD60SPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 4 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA04SD60SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  HFA04SD60SPBF Datasheet HTML 1Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 2Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 3Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 4Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 5Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 6Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 7Page - Vishay Siliconix HFA04SD60SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-HFA04SD60SPbF
www.vishay.com
Vishay Semiconductors
Revision: 14-Jun-11
2
Document Number: 94034
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 200 A/μA, VR = 30 V
-
17
-
ns
TJ = 25 °C
IF = 4 A
dIF/dt = 200 A/μs
VR = 200 V
-28
42
TJ = 125 °C
-
38
57
Peak recovery current
IRRM
TJ = 25 °C
-
2.9
5.2
A
TJ = 125 °C
-
3.7
6.7
Reverse recovery charge
Qrr
TJ = 25 °C
-
40
60
nC
TJ = 125 °C
-
70
105
Rate of fall of recovery current
dI(rec)M/dt
TJ = 25 °C
-
280
-
A/μs
TJ = 125 °C
-
235
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55
-
150
°C
Thermal resistance,
junction to case
RthJC
--
5.0
°C/W
Thermal resistance,
junction to ambient
RthJA
Typical socket mount
-
-
80
Weight
-2.0
-
g
-0.07
-
oz.
Mounting torque
6.0
(5.0)
-
12
(10)
kgf · cm
(lbf
 in)
Marking device
Case style D-PAK
HFA04SD60S


Similar Part No. - HFA04SD60SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA04SD60SPBF VISHAY-HFA04SD60SPBF Datasheet
125Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 29-Jul-08
More results

Similar Description - HFA04SD60SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
VS-HFA04TB60S-M3 VISHAY-VS-HFA04TB60S-M3 Datasheet
164Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 25-Oct-17
VS-HFA04SD60SPBF VISHAY-VS-HFA04SD60SPBF Datasheet
156Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 4 A
Revision: 10-Jul-15
VS-HFA04TB60SPBF VISHAY-VS-HFA04TB60SPBF Datasheet
161Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 29-Feb-16
VS-HFA04SD60SHM3 VISHAY-VS-HFA04SD60SHM3 Datasheet
122Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 4 A
Revision: 15-Jul-15
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com