Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR60 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAR60
Description  Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR60 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAR60 Datasheet HTML 1Page - Siemens Semiconductor Group BAR60 Datasheet HTML 2Page - Siemens Semiconductor Group BAR60 Datasheet HTML 3Page - Siemens Semiconductor Group BAR60 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BAR 60
BAR 61
BAR 60
Forward current IF = f (VF)
Forward resistance rf = f (IF)
f = 100 MHz
Forward current IF = f (TS; TA*)
*Package mounted on alumina
Diode capacitance CT = f (VR)


Similar Part No. - BAR60

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
logo
DIOTEC Electronics Corp...
BAR6000 DEC-BAR6000 Datasheet
244Kb / 1P
   60 AMP BUTTON DIODES
BAR6000S DEC-BAR6000S Datasheet
233Kb / 1P
   60 AMP BUTTON DIODES
BAR6001 DEC-BAR6001 Datasheet
244Kb / 1P
   60 AMP BUTTON DIODES
BAR6001D DEC-BAR6001D Datasheet
246Kb / 1P
   60 AMP JUMBO DIODE CELL
More results

Similar Description - BAR60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
logo
Siemens Semiconductor G...
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAT18- SIEMENS-BAT18- Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
ON Semiconductor
NSDP301MX2W ONSEMI-NSDP301MX2W Datasheet
137Kb / 4P
   PIN Diode Single PIN Diode for Attenuator and RF Switch
June, 2020 ??Rev. P7
NSDP301MX2W ONSEMI-NSDP301MX2W_V01 Datasheet
194Kb / 5P
   PIN Diode Single PIN Diode for Attenuator and RF Switch
April, 2022 - Rev. 2
NSDP301MX3 ONSEMI-NSDP301MX3 Datasheet
199Kb / 5P
   PIN Diode Single PIN Diode for Attenuator and RF Switch
May, 2021 ??Rev. 0
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com