Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA06TB120PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # HFA06TB120PBF
Description  HEXFRED, Ultrafast Soft Recovery Diode, 6 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA06TB120PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  HFA06TB120PBF Datasheet HTML 1Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 2Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 3Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 4Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 5Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 6Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 7Page - Vishay Siliconix HFA06TB120PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-HFA06TB120PbF
www.vishay.com
Vishay Semiconductors
Revision: 23-May-11
4
Document Number: 94038
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEuropa@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 6 - Typical Recovery Current vs. dIF/dt
Fig. 7 - Typical Stored Charge vs. dIF/dt
Fig. 8 - Typical dI(rec)M/dt vs. dIF/dt
110
90
20
100
1000
dIF/dt (A/µs)
60
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
100
40
80
30
50
70
I
F = 6 A
I
F = 4 A
25
20
0
100
1000
dIF/dt (A/µs)
10
I
F = 6 A
I
F = 4 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
5
15
1000
800
100
1000
dIF/dt (A/µs)
I
F = 6 A
I
F = 4 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
400
200
600
0
1000
100
100
1000
dIF/dt (A/µs)
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
I
F = 6 A
I
F = 4 A
10 000
10


Similar Part No. - HFA06TB120PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
166Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA06TB120PBF VISHAY-HFA06TB120PBF Datasheet
120Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 29-Jul-08
HFA06TB120PBF VISHAY-HFA06TB120PBF Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 6 A
Revision: 25-Jul-08
logo
International Rectifier
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
153Kb / 7P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA06TB120PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA06PB120PBF VISHAY-HFA06PB120PBF_11 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 6 A
Revision: 23-May-11
HFA12PA120CPBF VISHAY-HFA12PA120CPBF_11 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 6 A
Revision: 23-May-11
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
HFA15PB60PBF VISHAY-HFA15PB60PBF_11 Datasheet
175Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 15 A
Revision: 16-May-11
HFA15TB60SPBF VISHAY-HFA15TB60SPBF_11 Datasheet
216Kb / 9P
   HEXFRED, Ultrafast Soft Recovery Diode, 15 A
Revision: 10-Jun-11
logo
International Rectifier
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com