Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-A1211 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-A1211
Description  Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-A1211 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-A1211 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-A1211 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-A1211 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-A1211 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR 63-02W
Semiconductor Group
Sep-07-1998
2
Electrical Characteristics at
TA = 25 =C, unless otherwise specified.
Parameter
Symbol
Unit
Values
min.
typ.
max.
DC characteristics
-
V(BR)
50
Breakdown voltage
I(BR) = 5 µA
-
V
Reverse current
VR = 35 V
µA
IR
-
10
-
Forward voltage
IF = 100 mA
VF
-
0.95
1.2
V
AC characteristics
Diode capacitance
VR = 0 V, f = 100 MHz
VR = 5 V, f = 1 MHz
CT
-
-
0.3
0.21
-
0.3
pF
Case capacitance
f = 1 MHz
CC
-
0.09
-
Forward resistance
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
1.2
1
2
-
Charge carrier life time
IF = 10 mA, IR = 6 mA, IR = 3 mA
τ
rr
-
75
-
µs
Series inductance
Ls
-
0.6
-
nH
Semiconductor Group
2
1998-11-01


Similar Part No. - Q62702-A1211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-A121 SIEMENS-Q62702-A121 Datasheet
52Kb / 3P
   SILICON PIN DIODES
Q62702-A121 SIEMENS-Q62702-A121 Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
Q62702-A1214 SIEMENS-Q62702-A1214 Datasheet
15Kb / 3P
   Silicon Rf Switching Diode Preliminary data
Q62702-A1215 SIEMENS-Q62702-A1215 Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
Q62702-A1216 SIEMENS-Q62702-A1216 Datasheet
14Kb / 3P
   Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
More results

Similar Description - Q62702-A1211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
logo
Siemens Semiconductor G...
BAR63-W SIEMENS-BAR63-W Datasheet
46Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
   Low Resistance, Low Distortion, RF Switching PIN Diode
logo
Siemens Semiconductor G...
BAT18- SIEMENS-BAT18- Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
logo
Renesas Technology Corp
RKP451KE RENESAS-RKP451KE Datasheet
83Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
RKP450KE RENESAS-RKP450KE Datasheet
84Kb / 5P
   Ultra small Package Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com