Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA08SD60S-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA08SD60S-M3
Description  HEXFRED Ultrafast Soft Recovery Diode, 8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA08SD60S-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA08SD60S-M3 Datasheet HTML 1Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 2Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 3Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 4Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 5Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 6Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 7Page - Vishay Siliconix HFA08SD60S-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93474
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HEXFRED® Ultrafast Soft Recovery Diode, 8 A
VS-HFA08SD60S-M3
Vishay Semiconductors
FEATURES
• Ultrafast recovery time
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Guaranteed avalanche
• Specified at operating conditions
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21
definition
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count
DESCRIPTION
These diodes are optimized to reduce losses and EMI/RFI in
high frequency power conditioning systems. The softness of
the recovery eliminates the need for a snubber in most
applications.
These
devices
are
ideally
suited
for
freewheeling, flyback, power converters, motor drives, and
other applications where high speed and reduced switching
losses are design requirements.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
8 A
VR
600 V
VF at IF
1.7 V
trr typ.
18 ns
TJ max.
150 °C
Diode variation
Single die
Anode
1
3
2, 4
N/C
D-PAK (TO-252AA)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Cathode to anode voltage
VRRM
600
V
Maximum continuous forward current
IF
TC = 100 °C
8
A
Single pulse forward current
IFSM
60
Peak repetitive forward current
IFRM
24
Maximum power dissipation
PD
TC = 100 °C
14
W
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 8 A
See fig. 1
-1.4
1.7
IF = 16 A
-
1.7
2.1
IF = 8 A, TJ = 125 °C
-
1.4
1.7
Maximum reverse
leakage current
IR
VR = VR rated
-
0.3
5.0
μA
TJ = 125 °C, VR = 0.8 x VR rated
-
100
500
Junction capacitance
CT
VR = 200 V
See fig. 3
-
10
25
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - HFA08SD60S-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA08SD60S IRF-HFA08SD60S Datasheet
152Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA08SD60S VISHAY-HFA08SD60S Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 29-Jul-08
logo
Inchange Semiconductor ...
HFA08SD60S ISC-HFA08SD60S Datasheet
364Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
HFA08SD60SPBF VISHAY-HFA08SD60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 29-Jul-08
HFA08SD60SPBF VISHAY-HFA08SD60SPBF_13 Datasheet
143Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 14-Jun-11
More results

Similar Description - HFA08SD60S-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
HFA08PB60PBF VISHAY-HFA08PB60PBF_11 Datasheet
194Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 23-May-11
HFA08PB120PBF VISHAY-HFA08PB120PBF_11 Datasheet
156Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 23-May-11
HFA08TB60PBF VISHAY-HFA08TB60PBF_11 Datasheet
176Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 24-May-11
VS-HFA08PB120PBF VISHAY-VS-HFA08PB120PBF Datasheet
148Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 17-Jul-13
VS-HFA08TB60HN3 VISHAY-VS-HFA08TB60HN3 Datasheet
186Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 15-Jul-15
HFA08SD60STRPBF VISHAY-HFA08SD60STRPBF Datasheet
143Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 14-Jun-11
VS-HFA08TB120SPBF VISHAY-VS-HFA08TB120SPBF Datasheet
174Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 8 A
Revision: 26-Feb-16
HFA08SD60SPBF VISHAY-HFA08SD60SPBF_13 Datasheet
143Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 14-Jun-11
VS-HFA08TB60SPBF VISHAY-VS-HFA08TB60SPBF Datasheet
198Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 8 A
Revision: 26-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com